Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5806 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC5806
Description  THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5806 Datasheet(HTML) 5 Page - Texas Instruments

  CDC5806 Datasheet HTML 1Page - Texas Instruments CDC5806 Datasheet HTML 2Page - Texas Instruments CDC5806 Datasheet HTML 3Page - Texas Instruments CDC5806 Datasheet HTML 4Page - Texas Instruments CDC5806 Datasheet HTML 5Page - Texas Instruments CDC5806 Datasheet HTML 6Page - Texas Instruments CDC5806 Datasheet HTML 7Page - Texas Instruments CDC5806 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.ti.com
DEVICE CHARACTERISTICS
CDC5806
SCAS760A – MARCH 2004 – REVISED JULY 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
ICC
Supply current
Test load
35
45
mA
ICC(ST) Standby current
fIN = 0 MHz, VDD = 3.6 V
1.1
mA
VPUC
Supply voltage threshold for power up control circuit
2
V
LVCMOS
VIK
LVCMOS input voltage
VDD = 3 V, II = –18 mA
–1.2
V
II
REF_IN input current
VI = 0 V or VDD
±5
µA
II
SELECT input current
VI = 0 V or VDD
±55
µA
VOH
High-level output voltage
VDD = MIN to MAX, IOH = –5 mA
VDD – 0.4
V
VOL
Low-level output voltage
VDD = MIN to MAX, IOL= 5 mA
0.4
V
VDD = 3 V, VO = VDD – 0.4 V
–5
IOH
High-level output current
VDD = 3.3 V, VO = 1.65 V
–35
mA
VDD = 3.6 V, VO = 0.4 V
–75
VDD = 3 V, VO = 0.4 V
5
IOL
Low-level output current
VDD = 3.3 V, VO = 1.65 V
35
mA
VDD = 3.6 V, VO = VDD – 0.4V
75
AC
CI
Input capacitance (Ref_IN)
2
pF
Output accuracy VIDCLK, CPUCLK, ASICCLK,
ferr
See Note (1)
±1 ppm
USBCLK, MCCLK (38.4 MHz, 19.2 MHz, 12 MHz)
ferr
Output accuracy AUDCLK (16.9344 MHz, 12.288 MHz)
See Note (1)
±40 ppm
tL
PLL start up lock time
See Figure 2
0.5
ms
tL(ω)
PLL lock time after frequency change on AUDCLK
See Figure 2
0.5
ms
odc
Duty cycle for MCCLK
Threshold = VDD/2
47%
50%
53%
Duty cycle for VIDCLK, AUDCLK, CPUCLK, ASICCLK,
odc
Threshold = VDD/2
45%
50%
55%
USBCLK
tr/tf
Rise and fall time of the output
20%–80% of VO
2
ns
VIDCLK
75
150
(74.175824 MHz)
CPUCLK (64 MHz)
60
150
USBCLK (48 MHz)
65
150
MCCLK (38.4 MHz)
65
150
tjit(per)
Peak-to-peak period jitter for
10,000 cycles
ps
ASICCLK (32 MHz)
60
150
MCCLK (19.2 MHz)
70
150
AUDCLK (16.9344 MHz)
75
150
AUDCLK (12.288 MHz)
85
150
MCCLK (12 MHz)
65
150
(1)
This parameter is assured by design as a result of the chosen settings of the internal dividers in the PLL's.
5


Similar Part No. - CDC5806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5806 TI1-CDC5806 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
CDC5806PW TI1-CDC5806PW Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
CDC5806PWG4 TI1-CDC5806PWG4 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
CDC5806PWR TI1-CDC5806PWR Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
CDC5806PWRG4 TI1-CDC5806PWRG4 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
More results

Similar Description - CDC5806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
List of Unclassifed Man...
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
NXP Semiconductors
SAA7157 PHILIPS-SAA7157 Datasheet
80Kb / 12P
   Clock signal generator circuit for digital TV systems SCGC
May 1992
logo
List of Unclassifed Man...
SAA9057B ETC1-SAA9057B Datasheet
317Kb / 7P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
Cypress Semiconductor
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com