Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM5S1015 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CM5S1015
Description  Molded Ultra-Mini DYAD?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CM5S1015 Datasheet(HTML) 1 Page - Clare, Inc.

  CM5S1015 Datasheet HTML 1Page - Clare, Inc. CM5S1015 Datasheet HTML 2Page - Clare, Inc. CM5S1015 Datasheet HTML 3Page - Clare, Inc. CM5S1015 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
Applications
Features
Description
Ordering Information
Clare’s Molded Ultra-Mini DYADTM is well suited for small,
signal switching applications. The small size lends itself
to surface mountable applications; working well on higher
density PC boards. The Molded Ultra-Mini DYADTM has
sputtered ruthenium contacts and an extraordinary seal
strength achieved by a patented laser sealing of the leads.
In low level or dry switching environments, switches
typically exceed 1 billion operations. In addition, the
molding process provides a solid plastic outer shell. This
plastic shell provides superior mechanical strength,
eliminates concerns over handling glass switches, and
provides an ideal solution for high speed, automated
assembly environments.
Standard Test Coil
CM5
Part #
Coil-1
Coil Definition
NARM1 CTC01
Coil Resistance
1200
Number of Turns
5,000
Wire Size
0.0399mm (AWG 46)
Bobbin Diameter (inside cell)
3.96mm
Winding Length
10.4mm
A complete part number is represented by the digits to
the right. For example, CM5S1030 is a MOLDED ULTRA-
MINI DYAD™ with a minimum operate value of 10NI and
a maximum of 30NI. Refer to the switch operating
specification charts for available ranges. Special ranges
are available upon request.
Surface Mount Molded Ultra-Mini DYAD
Refer to operating characteristics table for complete part number.
Molded Ultra-Mini DYAD
Molded Ultra-Mini DYAD™ Surface Mount
1 Tolerance =
± 1.5NI
2 Full Blade Sensitivity
3 Surface Mount Switches are packaged 3,000 parts per reel
1
Part #
Operate Range (NI)1
CM5S1015
10 to 15
CM5S1020
10 to 20
CM5S1030
10 to 30
CM5S1520
15 to 20
CM5S1525
15 to 25
CM5S2025
20 to 25
Part #
Operate Range (NI)1,2,3
CM5-2319
10 to 15
CM5-2315
10 to 20
CM5-2376
10 to 30
CM5-2325
15 to 20
CM5-2341
15 to 25
CM5-2378
20 to 25
Molded Ultra-Mini DYAD
CM5
DS-CM5-R1
Small size
SMT-compatible
Easily formed leads
Sputtered ruthenium contacts
Hermetically sealed contacts
Fast switching speed — up to 500Hz
Wide range of available magnetic sensitivities
Superior mechanical strength
Enhanced for better auto placement
Security
Proximity sensing
Smoke alarms
Automotive
Level sensor
Lamp current sensor
Relays
The magnetic force (expressed in NI, AT or Ampere Turns) required to cause the reed switch contacts to
close is called the pull-in or operate value.
(1) Consult factory for test procedure.
The reed switch shall be placed in the test coil with the gap centered in the core of the coil winding.
Test leads and their clips must be non-magnetic.
The longitudinal axis of the test coil and the test switch shall be vertical.
CM5SXX XX
Maximum
operate value
Minimum
operate value
"S" for straight switch


Similar Part No. - CM5S1015

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CM5S1015 COTO-CM5S1015 Datasheet
597Kb / 3P
   Molded Ultra-Mini DYAD
More results

Similar Description - CM5S1015

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CM5 COTO-CM5 Datasheet
597Kb / 3P
   Molded Ultra-Mini DYAD
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
UM2 CLARE-UM2 Datasheet
338Kb / 4P
   Ultra-Mini Dyad
CM15 CLARE-CM15 Datasheet
318Kb / 4P
   Molded DYAD
MN2 CLARE-MN2 Datasheet
404Kb / 5P
   Mini-Dyad
FR2 CLARE-FR2 Datasheet
446Kb / 5P
   Dyad
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
   Overmolded DYAD
logo
Rohm
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com