Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5540 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 4Page - Cirrus Logic CS5540 Datasheet HTML 5Page - Cirrus Logic CS5540 Datasheet HTML 6Page - Cirrus Logic CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic CS5540 Datasheet HTML 10Page - Cirrus Logic CS5540 Datasheet HTML 11Page - Cirrus Logic CS5540 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5540
8
DS503PP1
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+ = +3.0 V ±5% VA- = 0 V, VD+ = 3.0 V ±5%,
DGND = 0 V; Input Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50pF)
Notes: 18. Device parameters are specified with 32.768 kHz clock; however, clocks up to 40 kHz can be used for
increased throughput.
19. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF.
20. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an
external clock source.
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency:
External Clock
Internal Oscillator (Note 18)
MCLK
5
-
-
32.768
40
-
kHz
Master Clock Duty Cycle
40
-
60
%
Rise Times
(Note 19)
Any Digital Input Except SCLK
SCLK
SDO Output
trise
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Fall Times
(Note 19)
Any Digital Input Except SCLK
SCLK
SDO Output
trise
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Start-up
Oscillator Start-up Time
XTAL = 32.768 kHz (Note 20)
tost
-500
-
ms
Power-on Reset Period
tpor
-490
-
MCLK
cycles
Serial Port Timing
Serial Clock Frequency
SCLK
0
-
2
MHz
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
250
250
-
-
-
-
ns
ns
CS Enabled to SCLK Rising
t3
50
-
-
ns
SCLK falling prior to Chip Select Disabled
t4
100
-
-
ns
SDO Read Timing
CS to Data Valid
t5
--
150
ns
SCLK Falling to New Data Bit
t6
--
150
ns
CS Rising to SDO Hi-Z
t7
--
150
ns


Similar Part No. - CS5540

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5542 CIRRUS-CS5542 Datasheet
297Kb / 30P
   22-Bit, Multi-Channel DS ADC Chip Set
CS5542-KL CIRRUS-CS5542-KL Datasheet
297Kb / 30P
   22-Bit, Multi-Channel DS ADC Chip Set
CS5543 CIRRUS-CS5543 Datasheet
297Kb / 30P
   22-Bit, Multi-Channel DS ADC Chip Set
More results

Similar Description - CS5540

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211 Datasheet
66Kb / 5P
   LOW-VOLTAGE 24-BIT BUS SWITCH
IDT74CBTLV16211 IDT-IDT74CBTLV16211_14 Datasheet
100Kb / 5P
   LOW-VOLTAGE 24-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16211 RENESAS-74CBTLV16211 Datasheet
277Kb / 6P
   LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
367Kb / 40P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
REV. 0
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
logo
Texas Instruments
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com