Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16TT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS16TT1G
Description  Silicon Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16TT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS16TT1G Datasheet HTML 1Page - ON Semiconductor BAS16TT1G Datasheet HTML 2Page - ON Semiconductor BAS16TT1G Datasheet HTML 3Page - ON Semiconductor BAS16TT1G Datasheet HTML 4Page - ON Semiconductor BAS16TT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 4
1
Publication Order Number:
BAS16TT1/D
BAS16TT1G
Silicon Switching Diode
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Continuous Reverse Voltage
VR
100
V
Recurrent Peak Forward Current
IF
200
mA
Peak Forward Surge Current
Pulse Width = 10 ms
IFM(surge)
500
mA
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation,
FR−4 Board (Note 1)
TA = 25°C
Derated above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient (Note 1)
RqJA
555
°C/W
Total Device Dissipation,
FR−4 Board (Note 2)
TA = 25°C
Derated above 25°C
PD
360
2.9
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJA
345
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0 × 1.0 Inch Pad
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CASE 463
SOT−416
STYLE 2
MARKING
DIAGRAM
3
CATHODE
1
ANODE
BAS16TT1G
SOT−416
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1 2
3
A6 MG
G
1
XX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package


Similar Part No. - BAS16TT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
More results

Similar Description - BAS16TT1G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com