Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS19LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS19LT1G
Description  High Voltage Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS19LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS19LT1G Datasheet HTML 1Page - ON Semiconductor BAS19LT1G Datasheet HTML 2Page - ON Semiconductor BAS19LT1G Datasheet HTML 3Page - ON Semiconductor BAS19LT1G Datasheet HTML 4Page - ON Semiconductor BAS19LT1G Datasheet HTML 5Page - ON Semiconductor BAS19LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 1999
November, 2016 − Rev. 18
1
Publication Order Number:
BAS19LT1/D
BAS19L, BAS20L, BAS21L,
BAS21DW5
High Voltage
Switching Diode
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
S and NSV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19
BAS20
BAS21
VR
120
200
250
Vdc
Repetitive Peak Reverse Voltage
BAS19
BAS20
BAS21
VRRM
120
200
250
Vdc
Continuous Forward Current
IF
200
mAdc
Peak Forward Surge Current
(1/2 Cycle, Sine Wave, 60 Hz)
IFSM
2
A
Repetitive Peak Forward Current
(Pulse Train: TON = 1 s, TOFF = 0.5 s)
IFRM
0.6
A
Junction and Storage Temperature
Range
TJ, Tstg
−55 to +150
°C
Power Dissipation (Note 1)
PD
385
mW
Electrostatic Discharge
ESD
HM < 500
MM < 400
V
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
HIGH VOLTAGE
SWITCHING DIODE
5
CATHODE
1
ANODE
MARKING DIAGRAMS
3
CATHODE
1
ANODE
4
CATHODE
3
ANODE
SOT−23 (TO−236)
CASE 318
STYLE 8
SC−88A (SOT−353)
CASE 419A
SOT−23
SC−88A
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
1
2
3
1
Jx M
G
G
x
= P, R, or S
P
= BAS19L
R
= BAS20L
S
= BAS21L or BAS21DW5
M
= Date Code
G
= Pb−Free Package
2
3
Jx M
G
G
1
3
3
2
1
4
5
*Date Code orientation and/or overbar may vary
depending upon the manufacturing location.
(Note: Microdot may be in either location)
www.onsemi.com


Similar Part No. - BAS19LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS19LT1G ONSEMI-BAS19LT1G Datasheet
52Kb / 6P
   High Voltage Switching Diode
April, 2005 ??Rev. 7
BAS19LT1G ONSEMI-BAS19LT1G Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
BAS19LT1G ONSEMI-BAS19LT1G Datasheet
131Kb / 6P
   High Voltage Switching Diode
August, 2009 ??Rev. 12
BAS19LT1G ONSEMI-BAS19LT1G Datasheet
110Kb / 6P
   High Voltage Switching Diode
September, 2012 ??Rev. 14
BAS19LT1G ONSEMI-BAS19LT1G Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
More results

Similar Description - BAS19LT1G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com