Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVB0540T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVB0540T3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB0540T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVB0540T3G Datasheet HTML 1Page - ON Semiconductor NRVB0540T3G Datasheet HTML 2Page - ON Semiconductor NRVB0540T3G Datasheet HTML 3Page - ON Semiconductor NRVB0540T3G Datasheet HTML 4Page - ON Semiconductor NRVB0540T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR0540T1G, NRVB0540T1G, MBR0540T3G, NRVB0540T3G
http://onsemi.com
3
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E-3
1.0E-3
100E-6
10E-6
1.0E-6
100E-9
VR, REVERSE VOLTAGE (VOLTS)
10
20
30
40
0
10
20
30
TJ = 125C
TJ = 100C
TJ = 25C
TJ = 100C
TJ = 25C
10E-3
100E-3
1.0E-3
100E-6
10E-6
1.0E-6
100E-9
10E-3
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
20
60
0
TL, LEAD TEMPERATURE (C)
0.8
0.4
0.3
0.2
0.1
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.1
0
0.45
0.40
0.35
0.15
0.05
0
0.4
40
80
120
100
0.5
0.2
0.3
0.5
0.8
0.10
140
0.6
SQUARE WAVE
dc
Ipk/Io = p
Ipk/Io = 5
Ipk/Io = 10
Ipk/Io = 20
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io = p
SQUARE WAVE
dc
0.7
0.30
0.20
0.25
0.6
0.7
FREQ = 20 kHz
Figure 7. Capacitance
Figure 8. Typical Operating Temperature Derating*
30
0
VR, REVERSE VOLTAGE (VOLTS)
100
10
VR, DC REVERSE VOLTAGE (VOLTS)
25
40
0
118
114
112
110
15
5.0
10
20
25
35
40
30
35
5.0
10
20
15
116
120
126
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any
reverse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax − r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as
TJ = TJmax − r(t)Pr, where r(t) = Rthja. For other power applications further calculations must be performed.
Rtja = 118C/W
180
C/W
149
C/W
206
C/W
228
C/W
TJ = 25C
122
124


Similar Part No. - NRVB0540T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB0530 ONSEMI-NRVB0530 Datasheet
107Kb / 4P
   Surface Mount Schottky Power Rectifier
September, 2013 ??Rev. 7
NRVB0530T1G ONSEMI-NRVB0530T1G Datasheet
107Kb / 4P
   Surface Mount Schottky Power Rectifier
September, 2013 ??Rev. 7
NRVB0530T1G ONSEMI-NRVB0530T1G Datasheet
65Kb / 4P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 8
NRVB0530T3G ONSEMI-NRVB0530T3G Datasheet
107Kb / 4P
   Surface Mount Schottky Power Rectifier
September, 2013 ??Rev. 7
NRVB0530T3G ONSEMI-NRVB0530T3G Datasheet
65Kb / 4P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 8
More results

Similar Description - NRVB0540T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com