Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC14DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC14DR2G
Description  Hex Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC14DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC14DR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC14DR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC14DR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC14DR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC14DR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC14DR2G Datasheet HTML 6Page - ON Semiconductor MC74VHC14DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74VHC14
http://onsemi.com
4
Figure 3. Switching Waveforms
VCC
GND
50%
50% VCC
A
Y
tPHL
tPLH
*Includes all probe and jig capacitance
Figure 4. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
VH
Vin
Vout
VCC
VT+
VT−
GND
VOH
VOL
VH
Vin
Vout
VCC
VT+
VT−
GND
VOH
VOL
(a) A Schmitt−Trigger Squares Up
Inputs With Slow Rise and Fall Times
(b) A Schmitt−Trigger Offers Maximum
Noise Immunity
VHtyp
Figure 5. Typical Input Threshold, VT+, VT− versus Power Supply Voltage
VCC, POWER SUPPLY VOLTAGE (VOLTS)
23
4
5
6
1
2
3
4
VHtyp = (VT+ typ) − (VT− typ)
(VT+)
(VT−)
Figure 6. Typical Schmitt−Trigger Applications


Similar Part No. - MC74VHC14DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC14DR2G ONSEMI-MC74VHC14DR2G Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
More results

Similar Description - MC74VHC14DR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com