Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1029SCP55 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS62LV1029SCP55
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1029SCP55 Datasheet(HTML) 7 Page - Brilliance Semiconductor

Back Button BS62LV1029SCP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1029SCP55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
R0201-BS62LV1029
Revision 1.1
Jan.
2004
7
BSI
BS62LV1029
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE1 and CE2 active and WE low.
All signals must be active to initiate a write and any one signal can terminate a write by going
inactive. The data input setup and hold timing should be referenced to the second transition edge
of the signal that terminates the write.
3. TWR is measured from the earlier of CE1 or WE going high or CE2 going low at the end of write
cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase to the
outputs must not be applied.
5. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low
transitions or after the WE transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL
).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE1 is low and CE2 is high during this period, DQ pins are in the output state. Then the data input
signals of opposite phase to the outputs must not be applied to them.
10. The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE1 going low or CE2 going high to the end of write.
WRITE CYCLE2 (1,6)
t WC
t CW
(11)
(11)
t CW
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR2
(3)
t DH
t DW
D
IN
D
OUT
WE
CE2
CE1
ADDRESS
(5)
(5)
t OW
(7)
(8)
(8,9)


Similar Part No. - BS62LV1029SCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DC BSI-BS62LV1023DC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DI BSI-BS62LV1023DI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JC BSI-BS62LV1023JC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JI BSI-BS62LV1023JI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1029SCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com