Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC74DTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC74DTR2G
Description  Dual D-Type Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC74DTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC74DTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 6Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 7Page - ON Semiconductor MC74VHC74DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHC74
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = −55°C to +125°C
Unit
Min
Typ
Max
Min
Max
VIH
Minimum High−Level
Input Voltage
2.0
3.0 to 5.5
1.50
VCC x 0.7
1.50
VCC x 0.7
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0 to 5.5
0.50
VCC x 0.3
0.50
VCC x 0.3
V
VOH
Minimum High−Level
Output Voltage
Vin = VIH or VIL
IOH = − 50mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = − 4mA
IOH = − 8mA
3.0
4.5
2.58
3.94
2.48
3.80
VOL
Maximum Low−Level
Output Voltage
Vin = VIH or VIL
IOL = 50mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
Iin
Maximum Input
Leakage Current
Vin = 5.5V or GND
0 to 5.5
± 0.1
± 1.0
mA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
2.0
20.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = −55°C to +125°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay,
CP to Q or Q
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
6.7
9.2
11.9
15.4
1.0
1.0
14.0
17.5
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
4.6
6.1
7.3
9.3
1.0
1.0
8.5
10.5
tPLH,
tPHL
Maximum Propagation Delay,
SD or RD to Q or Q
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
7.6
10.1
12.3
15.8
1.0
1.0
14.5
18.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
4.8
6.3
7.7
9.7
1.0
1.0
9.0
11.0
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
80
50
125
75
70
45
MHz
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
130
90
170
115
110
75
Cin
Maximum Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 1)
Typical @ 25°C, VCC = 5.0V
pF
25
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/2 (per flip−flop). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHC74DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC74DTR2G ONSEMI-MC74VHC74DTR2G Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
More results

Similar Description - MC74VHC74DTR2G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com