Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT4052ADR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74HCT4052ADR2G
Description  Analog Multiplexers / Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052ADR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74HCT4052ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 10Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
7
Figure 7c. Typical On Resistance, VCC − VEE = 4.5 V
Figure 7d. Typical On Resistance, VCC − VEE = 6.0 V
120
100
80
60
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
75
60
45
30
15
0
1.0
2.0
3.0
4.0
5.0
6.0
3.5
4.5
5.5
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
20
0
25
°C
-55
°C
125
°C
25
°C
-55
°C
125
°C
90
105
0
0.5
1.5
2.5
Figure 7e. Typical On Resistance, VCC − VEE = 9.0 V
01
70
60
50
40
30
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
20
10
2
3
4
5
67
89
25
°C
-55
°C
125
°C
80
0
Figure 7f. Typical On Resistance, VCC − VEE = 12.0 V
01
60
50
40
30
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
20
10
23
4
8
9
10
11
12
25
°C
-55
°C
125
°C
0
5
7
6
Figure 8. On Resistance Test Set−Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
+
-
VEE
ANALOG IN
COMMON OUT
GND


Similar Part No. - MC74HCT4052ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4052ADR2G ONSEMI-MC74HCT4052ADR2G Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT4052ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com