Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT4052ADWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # M74HCT4052ADWR2G
Description  Analog Multiplexers / Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74HCT4052ADWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  M74HCT4052ADWR2G Datasheet HTML 1Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 2Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 3Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 4Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 5Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 6Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 7Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 8Page - ON Semiconductor M74HCT4052ADWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 2
1
Publication Order Number:
MC74HCT4051A/D
MC74HCT4051A,
MC74HCT4052A,
MC74HCT4053A
Analog Multiplexers /
Demultiplexers with LSTTL
Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT4051A, MC74HCT4052A and MC74HCT4053A
utilize silicon−gate CMOS technology to achieve fast propagation
delays, low ON resistances, and low OFF leakage currents. These
analog multiplexers/demultiplexers control analog voltages that may
vary across the complete power supply range (from VCC to VEE).
The HCT4051A, HCT4052A and HCT4053A are identical in
pinout to the metal−gate MC14051AB, MC14052AB and
MC14053AB. The Channel−Select inputs determine which one of the
Analog Inputs/Outputs is to be connected, by means of an analog
switch, to the Common Output/Input. When the Enable pin is HIGH,
all analog switches are turned off.
The Channel−Select and Enable inputs are compatible with standard
CMOS and LSTTL outputs.
These devices have been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal−gate CMOS analog
switches.
For a multiplexer/demultiplexer with injection current protection,
see HC4851A and HCT4851A.
Features
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Analog Power Supply Range (VCC − VEE) = 2.0 to 12.0 V
Digital (Control) Power Supply Range (VCC − GND) = 2.0 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal−Gate
Counterparts
Low Noise
In Compliance with the Requirements of JEDEC Standard No. 7 A
Chip Complexity: HCT4051A − 184 FETs or 46 Equivalent Gates
HCT4052A − 168 FETs or 42 Equivalent Gates
HCT4053A − 156 FETs or 39 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
1
16
1
16
HCT405xAG
AWLYWW
HCT40
5xA
ALYWG
G
1
16
SOIC−16 WIDE
DW SUFFIX
CASE 751G
1
16
HCT405xA
AWLYWWG
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
1
16
x
= 1, 2, 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - M74HCT4052ADWR2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4052B1R STMICROELECTRONICS-M74HCT4052B1R Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4052M1R STMICROELECTRONICS-M74HCT4052M1R Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4052RM13TR STMICROELECTRONICS-M74HCT4052RM13TR Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4052TTR STMICROELECTRONICS-M74HCT4052TTR Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - M74HCT4052ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com