Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1329-75AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1329-75AC
Description  64K x 32 Synchronous-Pipelined Cache RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1329-75AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1329-75AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1329-75AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY7C1329
3
Pin Definitions
Pin Number
Name
I/O
Description
49–44, 81,82,
99, 100,
32–37
A[15:0]
Input-
Synchronous
Address Inputs used to select one of the 64K address locations. Sampled at the
rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3
are sampled active. A[1:0] feed the 2-bit counter.
96–93
BW[3:0]
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes
to the SRAM. Sampled on the rising edge of CLK.
88
GW
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge of
CLK, a global write is conducted (ALL bytes are written, regardless of the values
on BW[3:0] and BWE).
87
BWE
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a byte write.
89
CLK
Input-Clock
Clock input. Used to capture all synchronous inputs to the device. Also used to
increment the burst counter when ADV is asserted LOW, during a burst operation.
98
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 to select/deselect the device. ADSP is ignored if
CE1 is HIGH.
97
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select/deselect the device.
92
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
86
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the I/O
pins. When LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins
are three-stated, and act as input data pins. OE is masked during the first clock of
a read cycle when emerging from a deselected state.
83
ADV
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK. When asserted, it auto-
matically increments the address in a burst cycle.
84
ADSP
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK. When assert-
ed LOW, A[15:0] is captured in the address registers. A[1:0] are also loaded into the
burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized.
ASDP is ignored when CE1 is deasserted HIGH.
85
ADSC
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK. When assert-
ed LOW, A[15:0] is captured in the address registers. A[1:0] are also loaded into the
burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized.
64
ZZ
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time critical
“sleep” condition with data integrity preserved.
29, 28,
25–22, 19,
18,13,12,
9–6, 3, 2, 79,
78, 75–72,
69, 68, 63, 62
59–56, 53, 52
DQ[31:0]
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained
in the memory location specified by A[15:0] during the previous clock rise of the
read cycle. The direction of the pins is controlled by OE. When OE is asserted
LOW, the pins behave as outputs. When HIGH, DQ[31:0] are placed in a three-state
condition.
15, 41, 65, 91
VDD
Power Supply
Power supply inputs to the core of the device. Should be connected to 3.3V power
supply.
17, 40, 67, 90
VSS
Ground
Ground for the core of the device. Should be connected to ground of the system.
4, 11, 20, 27,
54, 61, 70, 77
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry. Should be connected to a 3.3V power supply.
5, 10, 21, 26,
55, 60, 71, 76
VSSQ
I/O Ground
Ground for the I/O circuitry. Should be connected to ground of the system.
31
MODE
Input-
Static
Selects burst order. When tied to GND selects linear burst sequence. When tied
to VDDQ or left floating selects interleaved burst sequence. This is a strap pin and
should remain static during device operation.
1, 14, 16, 30,
38, 39, 42, 43,
50, 51, 66, 80
NC
-
No Connects.


Similar Part No. - CY7C1329-75AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329-100AC CYPRESS-CY7C1329-100AC Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329-100AI CYPRESS-CY7C1329-100AI Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329-133AC CYPRESS-CY7C1329-133AC Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
More results

Similar Description - CY7C1329-75AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com