Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSV9435T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSV9435T1G
Description  High Current Bias Resistor Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV9435T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSV9435T1G Datasheet HTML 1Page - ON Semiconductor NSV9435T1G Datasheet HTML 2Page - ON Semiconductor NSV9435T1G Datasheet HTML 3Page - ON Semiconductor NSV9435T1G Datasheet HTML 4Page - ON Semiconductor NSV9435T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSB9435T1G, NSV9435T1G
http://onsemi.com
3
Figure 1. Collector Saturation Region
0.001
0.01
0.1
0.3
0
0.1
IB, BASE CURRENT (mA)
Figure 2. DC Current Gain
0.1
1
10
1000
10
100
IC, COLLECTOR CURRENT (A)
Figure 3. DC Current Gain
Figure 4. “ON” Voltages
1.0E−01
1.0E+00
1.0E+01
10
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 5. “ON” Voltages
1.0E+01
1.0E+00
1.0E−02
1.0E−01
IC, COLLECTOR CURRENT (A)
Figure 6. VBE(on) Voltage
0.1
10
1.2
0
0.4
IC, COLLECTOR CURRENT (A)
0.8
1
1
0.05
0.15
0.2
0.25
IC = 3.0 A
1.2 A
0.8 A
0.5 A
0.25 A
TA = 150C
25C
−55C
VCE = 1.0 V
0.1
1
10
1000
10
100
IC, COLLECTOR CURRENT (A)
TA = 150C
25C
−55C
VCE = 4.0 V
1
VBE(sat)
VCE(sat)
IC/IB = 10
1.0E+00
1.0E−01
VBE(sat)
VCE(sat)
IC/IB = 50
0.2
0.6
1
TA = 155C
25C
−55C


Similar Part No. - NSV9435T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV12100UW3TCG ONSEMI-NSV12100UW3TCG Datasheet
69Kb / 5P
   PNP Transistor
September, 2014 ??Rev. 1
NSV12200LT1G ONSEMI-NSV12200LT1G Datasheet
136Kb / 5P
   PNP Transistor
October, 2016 ??Rev. 5
NSV1C200L ONSEMI-NSV1C200L Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
NSV1C200LT1G ONSEMI-NSV1C200LT1G Datasheet
77Kb / 6P
   PNP Transistor
December, 2014 ??Rev. 5
NSV1C200LT1G ONSEMI-NSV1C200LT1G Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
More results

Similar Description - NSV9435T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSB9435T1G ONSEMI-NSB9435T1G_10 Datasheet
118Kb / 5P
   High Current Bias Resistor Transistor
September, 2010 ??Rev. 6
NSB9435T1 ONSEMI-NSB9435T1 Datasheet
64Kb / 8P
   High Current Bias Resistor Transistor
April, 2002 ??Rev. 2
NSB9435T1 ONSEMI-NSB9435T1_06 Datasheet
71Kb / 5P
   High Current Bias Resistor Transistor
April, 2006 ??Rev. 5
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com