Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVT30010MXV6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVT30010MXV6T1G
Description  Dual Matched General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVT30010MXV6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSVT30010MXV6T1G Datasheet HTML 1Page - ON Semiconductor NSVT30010MXV6T1G Datasheet HTML 2Page - ON Semiconductor NSVT30010MXV6T1G Datasheet HTML 3Page - ON Semiconductor NSVT30010MXV6T1G Datasheet HTML 4Page - ON Semiconductor NSVT30010MXV6T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NST30010MXV6T1G, NSVT30010MXV6T1G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
−55C
25C
150C
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
100
10
1.0
0.1
0
0.05
0.10
0.15
0.20
0.25
100
10
1.0
0.1
0
0.5
1.0
1.5
2.0
2.5
3.5
4.0
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
100
10
1.0
0.1
0
200
400
600
800
1000
1200
1400
100
10
1.0
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region @ 255C
IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
100
10
1.0
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
100
10
1.0
0.1
0.01
0
0.5
1.0
1.5
2.0
2.5
3.0
IC/IB = 10
−55C
25C
150C
3.0
IC/IB = 100
−55C
25C
150C
150C (2.0 V)
150C (5.0 V)
−55C (2.0 V)
−55C (5.0 V)
25C (5.0 V)
25C (2.0 V)
IC/IB = 10
0.7
0.8
0.9
VCE = −5.0 V
−55C
25C
150C
IC = 100 mA
50 mA
20 mA
10 mA


Similar Part No. - NSVT30010MXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVT3904DP6T5G ONSEMI-NSVT3904DP6T5G Datasheet
59Kb / 4P
   Dual General Purpose Transistor
June, 2014 ??Rev. 1
NSVT3904DXV6T1G ONSEMI-NSVT3904DXV6T1G Datasheet
93Kb / 7P
   Dual General Purpose Transistor
September, 2015 ??Rev. 6
NSVT3946DP6T5G ONSEMI-NSVT3946DP6T5G Datasheet
70Kb / 7P
   Dual Complementary General Purpose Transistor
June, 2014 ??Rev. 2
NSVT3946DXV6T1G ONSEMI-NSVT3946DXV6T1G Datasheet
125Kb / 12P
   Complementary General Purpose Transistor
July, 2014 ??Rev. 3
More results

Similar Description - NSVT30010MXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST30010MXV6T1G ONSEMI-NST30010MXV6T1G_07 Datasheet
57Kb / 5P
   Dual Matched General Purpose Transistor
January, 2007 ??Rev. 0
NST65010MW6 ONSEMI-NST65010MW6 Datasheet
73Kb / 5P
   Dual Matched General Purpose Transistor
July, 2015 ??Rev. 0
NST45010MW6T1G ONSEMI-NST45010MW6T1G_14 Datasheet
69Kb / 5P
   Dual Matched General Purpose Transistor
June, 2014 ??Rev. 3
NST45011MW6T1G ONSEMI-NST45011MW6T1G_13 Datasheet
110Kb / 5P
   Dual Matched General Purpose Transistor
February, 2013 ??Rev. 4
NST45010MW6T1G ONSEMI-NST45010MW6T1G Datasheet
155Kb / 5P
   Dual Matched General Purpose Transistor
October, 2009 ??Rev. 1
NST65011MW6 ONSEMI-NST65011MW6 Datasheet
73Kb / 5P
   Dual Matched General Purpose Transistor
July, 2015 ??Rev. 0
NST45011MW6T1G ONSEMI-NST45011MW6T1G Datasheet
154Kb / 5P
   Dual Matched General Purpose Transistor NPN Matched Pair
October, 2009 ??Rev. 1
logo
Calogic, LLC
2N3811 CALOGIC-2N3811_15 Datasheet
314Kb / 2P
   Monolithic Dual Matched PNP General Purpose Amplifier
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com