Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M60508LACD Datasheet(PDF) 2 Page - MTRONPTI

Part # M60508LACD
Description  14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M60508LACD Datasheet(HTML) 2 Page - MTRONPTI

  M60508LACD Datasheet HTML 1Page - MTRONPTI M60508LACD Datasheet HTML 2Page - MTRONPTI M60508LACD Datasheet HTML 3Page - MTRONPTI M60508LACD Datasheet HTML 4Page - MTRONPTI M60508LACD Datasheet HTML 5Page - MTRONPTI M60508LACD Datasheet HTML 6Page - MTRONPTI M60508LACD Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Performance Characteristics
M6049/M6050 Series
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave
Precision TCXO/TCVCXO


Similar Part No. - M60508LACD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60508LACD MTRONPTI-M60508LACD Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results

Similar Description - M60508LACD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
K1602SE MTRONPTI-K1602SE Datasheet
250Kb / 1P
   14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601 MTRONPTI-K1601_07 Datasheet
390Kb / 3P
   14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1613 MTRONPTI-K1613_06 Datasheet
291Kb / 2P
   14 pin DIP, 3.3 Volt, Sinewave, TCXO
K1602SE MTRONPTI-K1602SE_07 Datasheet
274Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
   14 pin DIP, 5.0 Volt, Sinewave, TCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
OXO3030 MTRONPTI-OXO3030 Datasheet
196Kb / 1P
   1x1.25 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
XO3080 MTRONPTI-XO3080_08 Datasheet
389Kb / 1P
   1.1x0.7 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com