Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

664HC1600K2CM6 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 664HC1600K2CM6
Description  High AC Voltage - High current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

664HC1600K2CM6 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  664HC1600K2CM6 Datasheet HTML 1Page - Illinois Capacitor, Inc. 664HC1600K2CM6 Datasheet HTML 2Page - Illinois Capacitor, Inc. 664HC1600K2CM6 Datasheet HTML 3Page - Illinois Capacitor, Inc. 664HC1600K2CM6 Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High AC Voltage - High current
APPLICATIONS
Induction Heating - Tank Circuits
KVAR
150
CAPACITANCE TOLERANCE
+/-10%
MAXIMUM CORE TEMPERATURE
+85°C
SURFACE TEMPERATURE
+45°C
(Above 45°C the KVAR rating must be de-rated by 2.25%/°C)
CONSTRUCTION
Self-healing
SELF INDUCTANCE
<3 nH
DIELECTRIC
Polypropylene
FLAME RETARDANT
UL94V0
Standard part listing
Capacitance
(μF)
VAC
IC part number
Maximum
RMS
current
(A)
MAX
power
KVAR
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
L
0.05
1000
503HC1102K2CM6
200
150
478
‐700
1.5
30.2
30
68
2CM6
0.1
1000
104HC1102K2CM6
250
150
238
‐423
1.5
30.2
30
68
2CM6
0.17
700
174HC1700K2CM6
250
150
286
‐389
1.2
30.2
30
68
2CM6
0.25
700
254HC1700K2CM6
250
150
195
‐265
1.2
30.2
30
68
2CM6
0.33
700
334HC1700K2CM6
250
150
148
‐200
1
30.2
30
68
2CM6
0.5
700
504HC1700K2CM6
250
150
93
‐132
1
30.2
30
68
2CM6
0.66
600
664HC1600K2CM6
300
150
100
‐145
0.8
30.2
30
68
2CM6
1.2
500
125HC1500K2CM6
300
150
79
‐80
0.6
30.2
30
68
2CM6
1.33
500
135HC1500K2CM6
300
150
72
0.6
30.2
30
68
2CM6
2.4
400
245HC1400K2CM6
400
150
63
‐72
0.6
30.2
30
68
2CM6


Similar Part No. - 664HC1600K2CM6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
664HC2700K2CM6 ILLINOISCAPACITOR-664HC2700K2CM6 Datasheet
837Kb / 4P
   High AC Voltage - High current
664HC3700K2EM8 ILLINOISCAPACITOR-664HC3700K2EM8 Datasheet
1Mb / 4P
   High AC Voltage - High current
664HC3700K4TM6 ILLINOISCAPACITOR-664HC3700K4TM6 Datasheet
1Mb / 4P
   High AC Voltage - High current
664HC3700K4VM6 ILLINOISCAPACITOR-664HC3700K4VM6 Datasheet
1Mb / 4P
   High AC Voltage - High current
664HC4102K2EM8 ILLINOISCAPACITOR-664HC4102K2EM8 Datasheet
1Mb / 6P
   High AC Voltage - High current
More results

Similar Description - 664HC1600K2CM6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
   High AC Voltage - High current
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com