Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125LC2500K5HM6 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 125LC2500K5HM6
Description  High AC Voltage - High current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

125LC2500K5HM6 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  125LC2500K5HM6 Datasheet HTML 1Page - Illinois Capacitor, Inc. 125LC2500K5HM6 Datasheet HTML 2Page - Illinois Capacitor, Inc. 125LC2500K5HM6 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High AC Voltage - High current
APPLICATIONS
Induction Heating - Tank Circuits
KVAR
200
CAPACITANCE TOLERANCE
+/-10%
MAXIMUM CORE TEMPERATURE
+85°C
SURFACE TEMPERATURE
+45°C
(Above 45°C the KVAR rating must be de-rated by 2.25%/°C)
CONSTRUCTION
Self-healing
SELF INDUCTANCE
<5 nH
DIELECTRIC
Polypropylene
FLAME RETARDANT
UL94V0
Standard part listing
Capacitance
(μF)
VAC
IC part number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
L
0.33
700
334LC2700K5HM6
300
200
196 – 216
1.0
34
50
50
5HM6
0.66
600
664LC2600K5HM6
350
200
135 – 149
0.8
34
50
50
5HM6
1.20
500
125LC2500K5HM6
400
200
105
0.5
34
50
50
5HM6
1.50
500
155LC2500K5HM6
400
200
85
‐ 108
0.3
34
50
50
5HM6
2.60
400
265LC2400K5HM6
450
200
80
‐ 96
0.2
34
50
50
5HM6


Similar Part No. - 125LC2500K5HM6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
125LC3600K5LM8 ILLINOISCAPACITOR-125LC3600K5LM8 Datasheet
943Kb / 4P
   High AC Voltage - High current
125LC3600KL505HM6 ILLINOISCAPACITOR-125LC3600KL505HM6 Datasheet
943Kb / 4P
   High AC Voltage - High current
125LC4900K5LM8 ILLINOISCAPACITOR-125LC4900K5LM8 Datasheet
630Kb / 3P
   High AC Voltage - High current
125LC5112K5PM8 ILLINOISCAPACITOR-125LC5112K5PM8 Datasheet
1Mb / 5P
   High AC Voltage - High current
More results

Similar Description - 125LC2500K5HM6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
   High AC Voltage - High current
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com