Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

254LC3700KL505HM6 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 254LC3700KL505HM6
Description  High AC Voltage - High current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

254LC3700KL505HM6 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  254LC3700KL505HM6 Datasheet HTML 1Page - Illinois Capacitor, Inc. 254LC3700KL505HM6 Datasheet HTML 2Page - Illinois Capacitor, Inc. 254LC3700KL505HM6 Datasheet HTML 3Page - Illinois Capacitor, Inc. 254LC3700KL505HM6 Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High AC Voltage - High current
APPLICATIONS
Induction Heating - Tank Circuits
KVAR
300
CAPACITANCE TOLERANCE
+/-10%
MAXIMUM CORE TEMPERATURE
+85°C
SURFACE TEMPERATURE
+45°C
(Above 45°C the KVAR rating must be de-rated by 2.25%/°C)
CONSTRUCTION
Self-healing
SELF INDUCTANCE
<5 nH
DIELECTRIC
Polypropylene
FLAME RETARDANT
UL94V0
Standard part listing
Capacitance
(μF)
VAC
IC part number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
L
0.1
1000
104LC3102KL505HM6
350
300
476
‐649
1.2
34
50
50
5HM6
0.2
1000
204LC3102KL505HM6
500
300
238
‐423
1.2
34
50
50
5HM6
0.25
700
254LC3700KL505HM6
500
300
390
‐530
1.2
34
50
50
5HM6
0.33
700
334LC3700KL505HM6
500
300
295
‐401
1
34
50
50
5HM6
0.66
700
664LC3700KL505HM6
500
300
147
‐200
0.8
34
50
50
5HM6
1
600
105LC3600KL505HM6
650
300
132
‐223
0.5
34
50
50
5HM6
1.2
600
125LC3600KL505HM6
650
300
111
‐187
0.5
34
50
50
5HM6
1.32
600
135LC3600KL505HM6
650
300
100
‐170
0.3
34
50
50
5HM6
2.4
500
245LC3500KL505HM6
650
300
80
‐97
0.2
34
50
50
5HM6
0.25
700
254LC3700K5LM8
500
300
390
‐530
1.2
34
78
78
5LM8
0.33
700
334LC3700K5LM8
500
300
295
‐401
1
34
78
78
5LM8
0.66
700
664LC3700K5LM8
500
300
147
‐200
0.8
34
78
78
5LM8
1
600
105LC3600K5LM8
650
300
132
‐223
0.5
34
78
78
5LM8
1.2
600
125LC3600K5LM8
650
300
111
‐187
0.5
34
78
78
5LM8
1.32
600
135LC3600K5LM8
650
300
100
‐170
0.3
34
78
78
5LM8
2.4
500
245LC3500K5LM8
650
300
80
‐97
0.2
34
78
78
5LM8
2.6
500
265LC3500K5LM8
650
300
72
‐85
0.2
34
78
78
5LM8
5
400
505LC3400K5LM8
800
300
59
‐67
0.1
34
78
78
5LM8


Similar Part No. - 254LC3700KL505HM6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
CTS Corporation
254 CTS-254 Datasheet
377Kb / 2P
   Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
Oscilent Corporation
254-12.0M-18-15GS OSCILENT-254-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
254-12.0M-18-15GW OSCILENT-254-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
254-12.0M-18-15NS OSCILENT-254-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 254LC3700KL505HM6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
   High AC Voltage - High current
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com