Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

155HC4500K2UM8 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 155HC4500K2UM8
Description  High AC Voltage - High current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

155HC4500K2UM8 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  155HC4500K2UM8 Datasheet HTML 1Page - Illinois Capacitor, Inc. 155HC4500K2UM8 Datasheet HTML 2Page - Illinois Capacitor, Inc. 155HC4500K2UM8 Datasheet HTML 3Page - Illinois Capacitor, Inc. 155HC4500K2UM8 Datasheet HTML 4Page - Illinois Capacitor, Inc. 155HC4500K2UM8 Datasheet HTML 5Page - Illinois Capacitor, Inc. 155HC4500K2UM8 Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Capacitance
(μF)
VAC
IC PART number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
T
0.33
1000
334HC4102K4TM6
600
400
194
‐433
1.0
30.2
60
60
4TM6
0.66
1000
664HC4102K4TM6
600
400
95
‐216
0.8
30.2
60
60
4TM6
1.2
900
125HC4900K4TM6
850
400
58
‐215
0.3
30.2
60
60
4TM6
1.32
900
135HC4900K4TM6
850
400
58
‐215
0.3
30.2
60
60
4TM6
2.6
700
265HC4700K4TM6
950
400
51
‐138
0.2
30.2
60
60
4TM6
5
500
505HC4500K4TM6
1000
400
50
‐80
0.1
30.2
60
60
4TM6
LEAD STYLE: 4TM6


Similar Part No. - 155HC4500K2UM8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
155H ETC2-155H Datasheet
261Kb / 2P
   D.C. Filter (153-159 Series)
logo
Hammond Manufacturing L...
155H HAMMOND-155H Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
logo
Bourns Electronic Solut...
155HS-BC BOURNS-155HS-BC Datasheet
161Kb / 2P
   MSP Heavy Duty Station Protector
155HS-MSP BOURNS-155HS-MSP Datasheet
161Kb / 2P
   MSP Heavy Duty Station Protector
More results

Similar Description - 155HC4500K2UM8

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
   High AC Voltage - High current
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com