Electronic Components Datasheet Search |
|
PE2512JRE070R91L Datasheet(PDF) 5 Page - YAGEO Corporation |
|
PE2512JRE070R91L Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 12 page - Chip Resistor Surface Mount www.yageo.com Nov. 28, 2016 V.5 Product specification 5 12 SERIES PE_L 0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512 SERIES SIZE POWER RATING (1) TOLERANCE RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE 07 7W 7T 47 57 PE 0201 1/20W 1/10W --- --- --- ± 0.5%(>10 mΩ ) ± 1% ± 5% 50 mΩ≦ R ≦ 200mΩ 20mΩ ≦ R≦ 70mΩ ± 350ppm/℃ 70mΩ<R≦ 200mΩ ±100ppm/℃ 0402 1/16W 1/8W 1/6W 1/4W --- 10 mΩ≦ R ≦ 910 mΩ ±100 ppm/°C 0603 1/10W 1/5W 1/3W 2/5W 1/2W 5mΩ , 10mΩ , 15mΩ 20 mΩ ≦ R ≦ 910 mΩ ±75 ppm/°C ±100 ppm/°C 0805 1/8W 1/4W 1/3W 1/2W --- 1206 1/4W 1/2W --- 1W --- 5 mΩ ≦ R ≦ 910 mΩ 2010 1/2W 1W --- --- --- 5mΩ ≦ R≦ 100mΩ ±50 ppm/°C ±75 ppm/°C ±100 ppm/°C 2512 1W 2W --- --- --- 6mΩ ≦ R≦ 100mΩ Note: 1. Global part number (code 10 - 11) 2. Please contact with sales offices, distributors and representatives in your region before ordering. ELECTRICAL CHARACTERISTICS Fig. 4 Chip resistor outlines Table 2 FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E PE0201 to PE0402 Range: -55°C to +125°C (Fig. 6-1) PE0603 to PE2512 Range: -55°C to +170°C (Fig. 6-2) P PO OW WE ER R R RA AT TIIN NG G Standard rated power at 70°C: PE0201 = 1/20W PE0402 = 1/16W PE0603 = 1/10W PE0805 = 1/8W PE1206 = 1/4W PE2010 = 1/2W PE2512 = 1W For detail power value, please refer to Table 2. RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = ) ( PxR Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω) Fig. 6-1 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) Fig. 6-2 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - PE2512JRE070R91L |
|
Similar Description - PE2512JRE070R91L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |