Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M60508GXCD Datasheet(PDF) 1 Page - MTRONPTI

Part # M60508GXCD
Description  14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M60508GXCD Datasheet(HTML) 1 Page - MTRONPTI

  M60508GXCD Datasheet HTML 1Page - MTRONPTI M60508GXCD Datasheet HTML 2Page - MTRONPTI M60508GXCD Datasheet HTML 3Page - MTRONPTI M60508GXCD Datasheet HTML 4Page - MTRONPTI M60508GXCD Datasheet HTML 5Page - MTRONPTI M60508GXCD Datasheet HTML 6Page - MTRONPTI M60508GXCD Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Product Features
Product Description
Product Applications
Product Ordering Information
M6049/M6050 Series
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave
Precision TCXO/TCVCXO
Tight stability (0.5 ppm)
3.3 V and 5.0 V versions
Wide frequency range 8-52 MHz
Low phase noise
Revision: 7-27-09
MtronPTI’s M6049/M6050 series of TCXO and TCVCXO’s provide design engineers with a high
stability in a reliable standard 14-DIP through-hole device. Tight stability of ± 0.5 ppm is achievable
utilizing MtronPTI’s unique crystal compensation technology. Excellent phase noise (-152 dBc/Hz at
10kHz) is also exhibited by the M6049/M6050 series. HCMOS and clipped sinewave output types are
available in frequencies from 8 MHz to 52 MHz.
The M6049/M6050 series is ideally suited for a wide range of applications such as SERDES, SO-
NET, WiMAX, GSM, GPS, 3G & 4G, CDMA, Gig-E, and other wireless communications systems. The
low power (< 10 mA) make the M6049/M6050 a good choice for use in battery back-up operated sys-
tems and other “green” related, power sensitive applications. The low phase noise allows the M6049/
M6050 to be used as a reference oscillator for PLL circuits in RF synthesizers and digital transmission
systems.


Similar Part No. - M60508GXCD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60508GXCD MTRONPTI-M60508GXCD Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results

Similar Description - M60508GXCD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
K1602SE MTRONPTI-K1602SE Datasheet
250Kb / 1P
   14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601 MTRONPTI-K1601_07 Datasheet
390Kb / 3P
   14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1613 MTRONPTI-K1613_06 Datasheet
291Kb / 2P
   14 pin DIP, 3.3 Volt, Sinewave, TCXO
K1602SE MTRONPTI-K1602SE_07 Datasheet
274Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
   14 pin DIP, 5.0 Volt, Sinewave, TCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
OXO3030 MTRONPTI-OXO3030 Datasheet
196Kb / 1P
   1x1.25 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
XO3080 MTRONPTI-XO3080_08 Datasheet
389Kb / 1P
   1.1x0.7 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com