Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP25 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSP25
Description  Phase-leg Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP25 Datasheet(HTML) 2 Page - IXYS Corporation

  DSP25 Datasheet HTML 1Page - IXYS Corporation DSP25 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 IXYS All rights reserved
2 - 2
0.001
0.01
0.1
1
0
100
200
23
4
5 6 7 8 9
110
102
103
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
0
5
10
15
20
25
0
10
20
30
40
50
60
0
40
80
120
160
0.0001
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
2t
I
FSM
I
F
A
V
F
t
s
t
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
30
60
90
120 150 180
0
10
20
30
I
d(AV)M
T
C
A
V
A
°C
°C
T
VJ = 150°C
T
VJ =
25°C
50 Hz, 80% V
RRM
T
VJ = 45°C
T
VJ = 45°C
T
VJ = 150°C
T
VJ = 150°C
V
R = 0 V
RthJA:
0.5 KW
1.8 KW
3
KW
5
KW
8
KW
15 KW
DSP25
ms
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature, sine 180°
Fig. 5 Max. forward current versus
case temperature
Fig. 6 Transient thermal impedance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.06075
0.0004
2
0.183
0.00256
3
0.3405
0.0045
4
0.543
0.0242
5
0.3728
0.15
DSP 25


Similar Part No. - DSP25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
144Kb / 5P
   Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
   Standard Rectifier
More results

Similar Description - DSP25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L015 IXYS-L015 Datasheet
36Kb / 2P
   Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
   Phase-leg Rectifier Diode
DSP45 IXYS-DSP45 Datasheet
122Kb / 2P
   Phase-leg Rectifier Diode
DSP8-08S IXYS-DSP8-08S Datasheet
77Kb / 3P
   Phase-leg Rectifier Diode
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
   Phase-leg Rectifier Diode ISOPLUS220
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
   Phase-leg Rectifier Diode ISOPLUS220
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
   Standard Rectifier Module Phase leg
logo
Microsemi Corporation
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
   Diode Phase leg Power Module
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
   Diode Phase leg Power Module
logo
IXYS Corporation
MDD312-14N1 IXYS-MDD312-14N1 Datasheet
296Kb / 6P
   Standard Rectifier Module Phase leg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com