Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5410CS-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5410CS-T13
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5410CS-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5410CS-T13 Datasheet HTML 1Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 2Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 3Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 4Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 5Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 6Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 7Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 8Page - Intersil Corporation EL5410CS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7185.2
May 6, 2005
NOTES:
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
3. NTSC signal generator used
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . .VS- -0.5V, VS +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 1kΩ and CL = 12pF to 0V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 1)
7
µV/°C
IB
Input Bias Current
VCM = 0V
2
60
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-5.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -5.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V
≤ VOUT ≤ 4.5V
65
80
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.9
-4.8
V
VOH
Output Swing High
IL = 5mA
4.8
4.9
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±7.75V
60
80
dB
IS
Supply Current (Per Amplifier)
No Load
2.5
3.75
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
-4.0V
≤ V
OUT ≤ 4.0V, 20% to 80%
33
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V Step
140
ns
BW
-3dB Bandwidth
30
MHz
GBWP
Gain-Bandwidth Product
20
MHz
PM
Phase Margin
50
°
CS
Channel Separation
f = 5MHz
110
dB
dG
Differential Gain (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.12
%
dP
Differential Phase (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.17
°
EL5210, EL5410


Similar Part No. - EL5410CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5410CS-T13 ELANTEC-EL5410CS-T13 Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5410CS-T13 INTERSIL-EL5410CS-T13 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5410CS-T13 RENESAS-EL5410CS-T13 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5410CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com