Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA.170.301111 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # AA.170.301111
Description  Cable and connector customizable
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AA.170.301111 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  AA.170.301111 Datasheet HTML 1Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 2Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 3Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 4Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 5Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 6Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 7Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 8Page - Taoglas antenna solutions AA.170.301111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SPE-15-8-001/B/EW Page 3 of 22
2. Specification Table
ELECTRICAL
Center Frequency
1561.098±2.046M
Hz
1575.42±1.023
MHz
1602±8 MHz
Antenna Gain
+5.55 dBi(typ.)
@zenith XZ-Plane
+5.73 dBi(typ.)
@zenith YZ-Plane
+4.38 dBi(typ.)
@zenith XZ-Plane
+4.46 dBi(typ.)
@zenith YZ-Plane
+5.98 dBi(typ.)
@zenith XZ-Plane
+5.89 dBi(typ.)
@zenith YZ-Plane
Axial Ratio
9.24 dB(typ)
@zenith
3.01 dB(typ)
@zenith
5.94 dB(typ)
@zenith
Polarization
RHCP
LNA Electrical Properties
Frequency
Beidou: 1561.098±2.046 MHz
GPS: 1575.42±1.023 MHz
GLONASS: 1602±8 MHz for GLONASS
Impedance
50 Ω
VSWR
2.0 Max.
DC input
1.8V (min.)
3.0V (typ.)
5.5V (max.)
LNA Gain
26dB
30dB
32dB
Noise Figure
2.5dB
2.1dB
2.9dB
Power Consumption
3.2mA
7.2mA
15.6mA
MECHANICAL
Embedded Ceramic Patch
Antenna Dimensions
Housing Dimensions
35 x 35 x 6mm
53*50*17mm
Housing Material
ABS
Cable
3M RG174 (fully customizable)
Connector
SMA(M) (fully customizable)
Waterproof
IP65
Weight
90g
Magnetic Pull Force
Pull horizontal max pull force(kgf) : 0.52
Pull vertical max pull force(kgf) : 0.48
ENVIRONMENTAL
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +90°C


Similar Part No. - AA.170.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA.171.301111 TAOGLAS-AA.171.301111 Datasheet
835Kb / 19P
   First Tier Automotive TS16949 Approved
More results

Similar Description - AA.170.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA.108.301111 TAOGLAS-AA.108.301111 Datasheet
580Kb / 10P
   Cable and connector customizable
AA.108.301F21 TAOGLAS-AA.108.301F21 Datasheet
581Kb / 12P
   Cable and connector customizable
PC17.07.0070A TAOGLAS-PC17.07.0070A Datasheet
405Kb / 9P
   Cable and Connector fully customizable
PC14.03.3000D TAOGLAS-PC14.03.3000D Datasheet
741Kb / 9P
   Cable and Connector fully customizable
G24.A.W.305111 TAOGLAS-G24.A.W.305111 Datasheet
2Mb / 20P
   Cables and Connectors Customizable
G30.B.108111 TAOGLAS-G30.B.108111 Datasheet
1Mb / 25P
   Cables and Connectors Customizable
MA104.C.W.AB.002 TAOGLAS-MA104.C.W.AB.002 Datasheet
1Mb / 25P
   Cables and connectors are fully customizable
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
   Customizable and Fewer Steps to Test
logo
ATMEL Corporation
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
   Customizable Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com