Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3401 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3401
Description  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3401 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3401 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-3401 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2015 Avago Technologies. All rights reserved. Obsoletes 5989-4258EN
AV02-1558EN - March 30, 2015
Precautions
Lead Forming
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• Ifleadformingisrequiredbeforesoldering,caremustbe
taken to avoid any excessive mechanical stress induced
toLEDpackage.Otherwise,cuttheleadsofLEDtolength
aftersolderingprocessatroomtemperature.Thesolder
joint formed will absorb the mechanical stress of the
lead cutting from traveling to the LED chip die attach
and wirebond.
• It is recommended that tooling made to precisely form
and cut the leads to length rather than rely upon hand
operation.
Soldering Conditions
• Care must be taken during PCB assembly and soldering
process to prevent damage to LED component.
• The closest LED is allowed to solder on board is 1.59
mmbelowthebody(encapsulantepoxy)forthoseparts
without standoff.
• Recommended soldering conditions:
Wave Soldering
Manual Solder
Dipping
Pre-heat Temperature
105 °C Max.
Pre-heat Time
30 sec Max.
Peak Temperature
250 °C Max.
260 °C Max.
Dwell Time
3 sec Max.
5 sec Max.
• Wave soldering parameter must be set and maintained
accordingtorecommendedtemperatureanddwelltime
in the solder wave. Customer is advised to periodically
check on the soldering profile to ensure the soldering
profile used is always conforming to recommended
soldering condition.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• Properhandlingisimperativetoavoidexcessivethermal
stresses to LED components when heated. Therefore,
the soldered PCB must be allowed to cool to room
temperature, 25°C, before handling.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size and
component orientation to assure solderability.
• Recommended PC board plated through hole sizes for
LED component leads:
LED Component
Lead Size
Diagonal
Plated Through-
Hole Diameter
Lead size (typ.) 0.45 × 0.45 mm
(0.018 × 0.018 in.)
0.636 mm
(0.025 in)
0.98 to 1.08 mm
(0.039 to 0.043 in)
Dambar shear-
off area (max.)
0.65 mm
(0.026 in)
0.919 mm
(0.036 in)
Lead size (typ.) 0.50 × 0.50 mm
(0.020 × 0.020 in.)
0.707 mm
(0.028 in)
1.05 to 1.15 mm
(0.041 to 0.045 in)
Dambar shear-
off area (max.)
0.70 mm
(0.028 in)
0.99 mm
(0.039 in)
Note: Refer to application note AN1027 for more information on
soldering LED components.
Figure 17. Recommended wave soldering profile
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90 100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150C (100C PCB)
SOLDER WAVE TEMPERATURE = 245C
AIR KNIFE AIR TEMPERATURE = 390C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE EXERTING
MECHANICAL FORCE.


Similar Part No. - HLMP-3401

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3401 HP-HLMP-3401 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3401 BOARDCOM-HLMP-3401 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3401-E0000 HP-HLMP-3401-E0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3401-E0001 HP-HLMP-3401-E0001 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3401-E0002 HP-HLMP-3401-E0002 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-3401

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com