Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS04D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS04D
Description  SURFACE MOUNT SCR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS04D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS04D Datasheet HTML 1Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 2Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 3Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 4Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Igt (Tj)
Fig. 5: Relative variation of gate trigger current
and holding current versus junction temperature.
-40 -20
0
60
80 100 120 140
Igt (Tj = 25 ºC)
Ih (Tj)
Ih (Tj = 25 ºC)
40
20
Tj (ºC)
Ih
Igt
1.00
0.10
0.01
K=[Zth(j-a) / Rth(j-a)]
Fig. 4-2: Relative variation of thermal
impedance junction to ambient versus pulse
duration. (recommended pad layout)
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
tp (s)
Tamb (ºC)
FS04...D
SURFACE MOUNT SCR
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1
1.5
P (W)
Fig. 1: Maximum average power dissipation
versus average on-state current
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
25
50
100
125
P (W)
Fig. 2: Correlation between maximum average power dissipation and
maximum allowable temperatures (Tamb and T case) for different
thermal resistances heatsink+contact.
T case (ºC)
125
Fig. 3: Average and DC on-state current versus
ambient temperature (device mounted on FR4
with recommended pad layout)
Jun- 02
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
I T(AV) (A)
0
25
100
125
50
75
2
2.5
3
Tamb (ºC)
IT(AV)(A)
3.5
α
360 º
75
120
115
Rth= 37C/W
Rth= 15C/W
Rth= 10C/W
Rth= 0C/W
Rth= 5C/W
α=180º
α = 180 º
DC
1.0
0.5
0.2
0.1
K=[Zth(j-c) / Rth(j-c)]
Fig. 4-1: Relative variation of thermal
impedance junction to case versus pulse
duration.
1E-3
1E-2
1E-1
1E+0
tp (s)
α = 80 º


Similar Part No. - FS04D

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FS0-DHAN3 FSP-FS0-DHAN3 Datasheet
4Mb / 3P
   50W ~ 65W 12V Adapter
2018.12 spec
logo
List of Unclassifed Man...
FS0090C1 ETC1-FS0090C1 Datasheet
222Kb / 1P
   WLL IF Filter(90 MHz)
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
   Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
   Pressure Sensors FS01/FS03 Force Sensors
logo
List of Unclassifed Man...
FS0101BA ETC2-FS0101BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
More results

Similar Description - FS04D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS02 ETC1-FS02 Datasheet
123Kb / 4P
   SURFACE MOUNT SCR
FS0802 ETC-FS0802 Datasheet
136Kb / 4P
   SURFACE MOUNT SCR
logo
Unisonic Technologies
FS0203 UTC-FS0203 Datasheet
228Kb / 4P
   SURFACE MOUNT SCR
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
290Kb / 2P
   SURFACE MOUNT 0.8 AMP SILICON SCR
logo
Vishay Siliconix
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
   Thyristor, Surface Mount, Phase Control SCR, 16 A
Revision: 22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
   Thyristor Surface Mount, Phase Control SCR
Revision: 22-Feb-18
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF Datasheet
161Kb / 8P
   Thyristor Surface Mount Phase Control SCR
Revision: 19-Jun-13
VS-25TTS08SPBF VISHAY-VS-25TTS08SPBF_15 Datasheet
181Kb / 8P
   Thyristor, Surface Mount, Phase Control SCR
Revision: 25-Jul-13
logo
Central Semiconductor C...
CS223M CENTRAL-CS223M Datasheet
370Kb / 2P
   SURFACE MOUNT 0.8 AMP SILICON SCR
logo
Vishay Siliconix
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com