Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-65555NL Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # PE-65555NL
Description  T1/Cept/ISDN-PRI Transformers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65555NL Datasheet(HTML) 8 Page - Pulse A Technitrol Company

  PE-65555NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 3Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 4Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 5Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 6Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 7Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 8Page - Pulse A Technitrol Company PE-65555NL Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
T608.V (1/16)
8
pulseelectronics.com
T1/Cept/ISDN-PRI Transformers
Notes From Tables (pages 1-6):
A. Tolerance leakage inductance:
.30
μH min to .55 μH MAX.
B. OCL (primary inductance) and L
(leakage inductance) are
measured at the primary winding.
Turns ratio is specified primary:
secondary. (CT = Center Tap; CS =
Split Center Tap).
C. To make a 1CT:1 ratio from a 1CT:
2CT ratio, use only one half of
the secondary (2CT) winding.
D. For Reinforced 3 kVrms Dual SMT
Transformers, refer to data sheet
T617. For Octal SMT Transformers,
refer to data sheet T622.
E. Dual Ratio Transformers: These
transformers have tapped
secondary windings to provide
two turns ratios (T/R). Use the
entire primary winding and
connect
F. Standard packaging for surface
mount “AN” and “LA” packages
is ant-static tubes. Optional Tape
& Reel packaging can be ordered
by adding “T” suffix to the part
number (i.e. PE-68864NLT).
G. Safety Agency approvals
pending.
H. The turns ratio of these
devices have been designed, in
conjunction with semiconductor
vendor recommendations, to allow
connections to various terminations
(e.g 75
Ω or 120 Ω with the same
transformer). For 75
Ω termination,
the PEB 2235 requires the following
turns ratio: 1:1.57 (TX) and 1:1.26
(RX) which can be achieved using
pins (1-2):(15-16) for TX and (10-
11):(5-8) for RX. For 120
Ω, the
following turns ratio are required:
1:2 (TX) and 1:1 (RX), which are pins
(1-2):(16-14) for TX and (9-11):(5-8)
for RX.
Part
Number
Turns
Ratio 1
Secondary
Pins
Turns
Ratio 2
Secondary
Pins
PE-65839NL
1:1
3-5
1:1.26
1 - 5
PE-68646NL
1:1.58
3-5
1:2
1 - 5
PE-65389NL
1:1
3-5
1:1.26
1 - 5
PE-68826NL
1:1
2-3
1:1.26
1 - 3
PE-68836NL
1:1
2-3/5-6
1:1.26
1 - 6
3/4
Electrical Specifications @ 25°C - Operating Temperature 0°C to 70°C
Pulse Part Number
Turns Ratio (
±5%)
OCL (
μH MIN)
Package/Schematic
PE-65554NL
1:1:1:1
24.0
IN/1 (ThroughHole)
PE-65555NL
1:1:1:1
8.0
IN/1 (ThroughHole)
PE-65854NL
1:1:1:1
47.0
SH/1 (Surface Mount)
PE-65857NL
1:1:1:1
24.0
LA/2 (Surface Mount)
Notes: For additional Common Mode Chokes, refer to data sheet G002
HIGH FREQUENCY COMMON MODE CHOKES, 4-LINES
0
-5
-10
-15
-20
-25
-30
1 MHz
10 MHz
100 MHz
Frequency
PE-65555NL
PE-65854NL
PE-65554NL
PE-65857NL
18
2
7
3
6
4
5
1
3
6
4
5
1
8
2
7
2
Schematics
Typical common mode attenuation
for high-frequency common mode
chokes based on a 100
Ω system.
L


Similar Part No. - PE-65555NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65555NL PULSE-PE-65555NL Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - PE-65555NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com