Electronic Components Datasheet Search |
|
PE2512FKF7T0R91L Datasheet(PDF) 2 Page - YAGEO Corporation |
|
PE2512FKF7T0R91L Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 12 page - Chip Resistor Surface Mount www.yageo.com Nov. 28, 2016 V.5 Product specification 2 12 SERIES PE_L 0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512 SCOPE This specification describes PE series current sensor - low TCR with lead-free terminations made by metal foil with ceramic substrate. APPLICATIONS Consumer goods Computer Telecom / Datacom Industrial / Power supply Automotive Alternative Energy FEATURES AEC-Q200 qualified Halogen-free Epoxy RoHS compliant - Products with lead-free terminations meet RoHS requirements - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS Reduce environmentally hazardous wastes High component and equipment reliability None forbidden-materials used in products/production Low resistances applied to current sensing GLOBAL PART NUMBER PE XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0201/ 0402/ 0603/ 0805/ 1206/ 2010/ 2512 (2) TOLERANCE D = ± 0.5% (>10mΩ) F = ± 1% J = ± 5% (3) PACKAGING TYPE R = Paper/ PE taping reel K = Embossed taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE E = ± 50 ppm/°C M = ± 75 ppm/°C F = ± 100 ppm/°C J = ± 350 ppm/°C (5) TAPING REEL 07 / 7W / 7T / 47 / 57= 7 inch dia. Reel and specific rated power. Detailed power rating are shown in the Table 2. (6) RESISTANCE VALUE 5 mΩ to 910 mΩ There are 3~5 digits indicated the resistance value. Letter R is decimal point. Detailed coding rules of resistance are shown in the table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is the system default code for ordering only. (Note) ORDERING EXAMPLE The ordering code of a PE2512 1W chip resistor, value 0.006 Ω with ±1% tolerance, supplied in 7- inch tape reel is: PE2512FKM070R006L Resistance rule of global part number Resistance code rule Example 0RXXX (1 to 910 mΩ) 0R001 = 1 mΩ 0R1 = 100 mΩ 0R91 = 910 mΩ NOTE 1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead-Free Process" ORDERING INFORMATION - GLOBAL PART NUMBER Global part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. |
Similar Part No. - PE2512FKF7T0R91L |
|
Similar Description - PE2512FKF7T0R91L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |