Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9022-CTJ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS9022-CTJ
Description  Digital Video Serializer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9022-CTJ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS9022-CTJ Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9022-CTJ Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9022-CTJ Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9022-CTJ Datasheet HTML 4Page - List of Unclassifed Manufacturers GS9022-CTJ Datasheet HTML 5Page - List of Unclassifed Manufacturers GS9022-CTJ Datasheet HTML 6Page - List of Unclassifed Manufacturers GS9022-CTJ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
521 - 42 - 01
GS9022 PIN DESCRIPTIONS
PIN NO.
SYMBOL
TYPE
DESCRIPTION
1
VCC
Power Supply: Most positive power supply connection for the PLL and Scrambler.
2
VCC
Power Supply: Most positive power supply connection for the parallel data inputs and P/S
converter.
3-12
PD0-PD9
I
TTL level inputs of the parallel data words. PD0 is the LSB and PD9 is the MSB.
13
PCKIN
I
TTL level input of the parallel clock.
14
LOCK DET
O
TTL level output which goes high when the internal PLL is locked.
15
V
EE
Power Supply: Most negative power supply connection.
16
VCC
Power Supply: Most positive power supply connection for the PLL and Scrambler.
17
LF
I
Connection for the R-C loop filter components.
18
VEE
Power Supply: Most negative power supply connection.
19
RVCO
I
VCO frequency setting resistor. A 1% resistor is required.
20
V
CC
Power Supply: Most positive power supply connection for the PLL and Scrambler.
21
VEE
Power Supply: Most negative power supply connection.
22, 23
SDO, SDO
I
75
Ω cable driver outputs (true and inverse).
24
VCCSD
Power Supply: Most positive power supply for cable driver outputs.
25
SYNC DET
TTL level input that disables the internal sync detector when high. This allows the GS9022 to
DISABLE
I
serialize 8 or 10 bit non-SMPTE standard parallel data.
26
C
OSC
I
Toggles VCO between ƒ and ƒ/2.
27
VEE
I
Power Supply: Most negative power supply connection.
28
CREG
I
Compensation capacitor for internal voltage regulator that requires decoupling with a
0.1
µF capacitor located as close as possible to the pin in series with an 820 Ω Resistor.


Similar Part No. - GS9022-CTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9022ACPJ GENNUM-GS9022ACPJ Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9022ACPJE3 GENNUM-GS9022ACPJE3 Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9022ACTJ GENNUM-GS9022ACTJ Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9022ACTJE3 GENNUM-GS9022ACTJE3 Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
More results

Similar Description - GS9022-CTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com