Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-883 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA-883
Description  Very High Slew Rate, Wideband Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-883 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA-883 Datasheet HTML 4Page - Intersil Corporation HA-883 Datasheet HTML 5Page - Intersil Corporation HA-883 Datasheet HTML 6Page - Intersil Corporation HA-883 Datasheet HTML 7Page - Intersil Corporation HA-883 Datasheet HTML 8Page - Intersil Corporation HA-883 Datasheet HTML 9Page - Intersil Corporation HA-883 Datasheet HTML 10Page - Intersil Corporation HA-883 Datasheet HTML 11Page - Intersil Corporation HA-883 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
The information contained in this section has been developed through characterization by Intersil Corporation and is for use as application
and design information only. No guarantee is implied.
3-61
DESIGN INFORMATION
HA-2839
Very High Slew Rate,
Wideband Operational Amplifier
Typical Performance Curves V
SUPPLY = ±15V, AV = +10, RL = 1kΩ, CL ≤ 10pF, TA = +25
oC, Unless Otherwise Specified
FREQUENCY RESPONSE FOR VARIOUS GAINS
GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGE
GAIN BANDWIDTH PRODUCT vs TEMPERATURE
CMRR vs FREQUENCY
100
80
60
40
20
0
0
90
180
1K
10K
100K
1M
10M
FREQUENCY (Hz)
OPEN LOOP
AVCL = 1000
AVCL = 100
AVCL = 10
OPEN LOOP
100M
650
600
550
500
56
7
8
9
10
11
12
13
14
15
SUPPLY VOLTAGE (
±V)
750
650
550
450
350
250
-60
-40
-20
0
+20
+40
+60
+80
+100 +120 +140
TEMPERATURE (oC)
100
10K
100K
1M
10M
FREQUENCY (Hz)
1K
90
80
70
60
50
40
30
20
Spec Number
511089-883


Similar Part No. - HA-883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-883 INTERSIL-HA-883 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - HA-883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Intersil Corporation
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com