Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL525UA-K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HAL525UA-K
Description  Hall Effect Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL525UA-K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HAL525UA-K Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL525UA-K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HAL525, HAL535
Micronas
5
2. Functional Description
The Hall effect sensor is a monolithic integrated circuit
that switches in response to magnetic fields. If a mag-
netic field with flux lines perpendicular to the sensitive
area is applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this field. The Hall
voltage is compared with the actual threshold level in
the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induc-
tion of magnets at higher temperatures. If the magnetic
field exceeds the threshold levels, the open drain out-
put switches to the appropriate state. The built-in hys-
teresis eliminates oscillation and provides switching
behavior of output without bouncing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. Therefore, an internal oscillator pro-
vides a two phase clock. The Hall voltage is sampled
at the end of the first phase. At the end of the second
phase, both sampled and actual Hall voltages are
averaged and compared with the actual switching
point. Subsequently, the open drain output switches to
the appropriate state. The time from crossing the mag-
netic switching level to switching of output can vary
between zero and 1/fosc.
Shunt protection devices clamp voltage peaks at the
Output-pin and VDD-pin together with external series
resistors. Reverse current is limited at the VDD-pin by
an internal series resistor up to
−15 V. No external
reverse protection diode is needed at the VDD-pin for
reverse voltages ranging from 0 V to
−15 V.
Fig. 2–1: HAL525, HAL 535 block diagram
Fig. 2–2: Timing diagram
Reverse
Voltage &
Overvoltage
Protection
Temperature
Dependent
Bias
Hysteresis
Control
Short Circuit
and
Overvoltage
Hall Plate
Switch
Comparator
Output
Clock
Protection
3
OUT
GND
2
1
VDD
t
VOL
VOUT
1/fosc = 9 µs
VOH
B
BON
fosc
t
t
tf
t
IDD
t


Similar Part No. - HAL525UA-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL525UA-K MICRONAS-HAL525UA-K Datasheet
1Mb / 24P
   Hall-Effect Switches
More results

Similar Description - HAL525UA-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com