Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC02-12SGA Datasheet(PDF) 4 Page - Recom International Power

Part # RAC02-12SGA
Description  1W PCB Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-12SGA Datasheet(HTML) 4 Page - Recom International Power

  RAC02-12SGA Datasheet HTML 1Page - Recom International Power RAC02-12SGA Datasheet HTML 2Page - Recom International Power RAC02-12SGA Datasheet HTML 3Page - Recom International Power RAC02-12SGA Datasheet HTML 4Page - Recom International Power RAC02-12SGA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA-4
REV.: 0/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC02-GA
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
PCB
black plastic
FR4
Package Dimension (LxWxH)
33.7 x 22.2 x 19.0mm
Package Weight
12g typ.
continued on next page
SAFETY AND CERTIFICATIONS (pending)
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety (CB
Scheme)
16BAS1004811
IEC60950-1, 2nd Edition, 2005 + AM2, 2013
EN60950-1, 1st Edition, 2006 + AM2, 2013
Information Technology Equipment, General Requirements for Safety
E196683 A1
UL60950-1, 2nd Edition
CAN/CSA C22.2 No. 60950-1-07, 2nd Edition
Audio/video, information and communication technology equipment. Safety
requirements
UL62368-1, 2nd Edition
CAN/CSA C22.2 No 62368-1, 2nd Edition
Audio/video, information and communication technology equipment. Safety
requirements (CB Scheme)
16BCS1004811
IEC62368-1, 2nd Edition, 2014
EN62368-1, 1st Edition, 2014
Household and similar electrical appliances - Safety. General requirements
pending
EN60335-1, 1st Edition, 2012 +AM11, 2014
RoHs 2+
RoHs 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
EN55022, Class A
Limitations on the amount of electromagnetic intererence allowed from
digital and electronic devices
47 CFR FCC Part 15, Subpart B 2016, Class A & B
ESD Electrostatic discharge immunity test
Air ±8kV, Contact ±4kV
EN61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
±1kV
EN61000-4-4, Criteria B
Surge Immunity
±1kV
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
3V
EN61000-4-6, Criteria A
Voltage Dips and Interruption
Voltage Dips >95%
EN61000-4-11, Criteria A
Voltage Dips 30%
EN61000-4-11, Criteria B
Voltage Interruptions >95%
EN61000-4-11, Criteria B
L
N
U
+VOUT
-VOUT
CY1
CY2
CY1,CY2
Vishay 564R30TSD22, SLCCv
X7R radial, 2.2nF, 3kVDC ±10%
EMI Filtering according to EN60335-1 / EN55022 Class B Compliance


Similar Part No. - RAC02-12SGA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC02-12SGB RECOM-RAC02-12SGB Datasheet
400Kb / 5P
   2 Watt Single Output EMC Class B
More results

Similar Description - RAC02-12SGA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC01-GA RECOM-RAC01-GA Datasheet
474Kb / 5P
   1W PCB Mount Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com