Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC150-G Datasheet(PDF) 3 Page - Recom International Power

Part # RAC150-G
Description  Universal Input 90-264VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC150-G Datasheet(HTML) 3 Page - Recom International Power

  RAC150-G Datasheet HTML 1Page - Recom International Power RAC150-G Datasheet HTML 2Page - Recom International Power RAC150-G Datasheet HTML 3Page - Recom International Power RAC150-G Datasheet HTML 4Page - Recom International Power RAC150-G Datasheet HTML 5Page - Recom International Power RAC150-G Datasheet HTML 6Page - Recom International Power RAC150-G Datasheet HTML 7Page - Recom International Power RAC150-G Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REGULATIONS
Parameter
Condition
Value
Output Accuracy
-30°C to +70°C
±2.0% max.
Load Regulation
-30°C to +70°C, 0%-100% load
±0.2% typ.
Line Regulation
-30°C to +70°C
±0.1% typ.
Transient Response
-30°C to +70°C
25% load step change
recovery time
±5.0% Vout max.
200µs max.
PROTECTIONS
Parameter
Type
Value
Input Fuse
internal
T3.15A
Short Circuit Protection
below 100m
W
continuous, Hiccup Mode, auto recovery
Over Voltage Protection (OVP)
105%-150% of Vout nominal
Latch OFF
Over Voltage Category
OVC II
Isolation Voltage (5)
tested for 1 minute
I/P to O/P
I/P to FG
O/P to FG
3kVAC
1.5kVAC
0.5kVDC
Isolation Capacitance
3300pF typ.
Isolation Resistance
I/P to O/P; I/P to FG; O/P to FG
10M
W min.
Leakage Current
240VAC, 63Hz
0.25mA max.
Insulation Grade
reinforced
PA-3
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Normalized Output Regulation
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RAC150-G
Series
-0.05
-0.04
-0.03
-0.02
-0.01
0.01
0.02
0.03
0.04
0.05
Output Load [%]
0
0
20
40
60
80
100
90VAC
115VAC
230VAC
264VAC
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating (see graph on next page)
-30°C to +70°C
Temperature Coefficient
±0.02%/°C
Operating Humidity
non-condensing
20% - 90% RH
Operating Altitude (6)
5000m
Pollution Degree
PD2
Shock
20G, 11ms, 3 times for X,Y,Z axis
Vibration
10-500Hz, 3G, 10min. for each, 6cycles for each X,Y,Z
MTBF
MIL-HDBK-217F G.B.
+25°C
natural convection (125W)
forced cooling (150W)
100 x 103 hours
200 x 103 hours
continued on next page
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage


Similar Part No. - RAC150-G

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-0512TA RECOM-RAC15-0512TA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-0512TA RECOM-RAC15-0512TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-0512TA RECOM-RAC15-0512TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-0512TB RECOM-RAC15-0512TB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RAC15-0512TB RECOM-RAC15-0512TB Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
More results

Similar Description - RAC150-G

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
logo
Arch Electronics Corp.
AHC-E1_SERIES ARCH-AHC-E1_SERIES Datasheet
490Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
AFC20_SERIES ARCH-AFC20_SERIES Datasheet
520Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C601 LINKCOM-PLKBPHE010C601 Datasheet
111Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com