Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROF-78E3.3-0.5SMD-R Datasheet(PDF) 1 Page - Recom International Power

Part # ROF-78E3.3-0.5SMD-R
Description  Low Profile 4.0mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROF-78E3.3-0.5SMD-R Datasheet(HTML) 1 Page - Recom International Power

  ROF-78E3.3-0.5SMD-R Datasheet HTML 1Page - Recom International Power ROF-78E3.3-0.5SMD-R Datasheet HTML 2Page - Recom International Power ROF-78E3.3-0.5SMD-R Datasheet HTML 3Page - Recom International Power ROF-78E3.3-0.5SMD-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
ROF-78E
Non Isolated
Power Module
Low Profile 4.0mm
Low Cost
Wide Input Range (5V - 36V)
Short Circuit Protection
Castellated Connections
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
(VDC)
(VDC)
(mA)
(%)
ROF-78E3.3-0.5SMD-R
5 - 36
3.3
500
73 - 84
ROF-78E5.0-0.5SMD-R
9 - 36
5.0
500
79 - 87
RoHS
2011/65/EU
6/6
Input Voltage Range
5 - 36 VDC (12/24V typ)
No Load Input Current
5mA max.
Maximum Input Current
0.5A max.
Short Circuit Input Current
200mA max.
Voltage Accuracy
±5% max.
Line Regulation
(LL to HL at Full Load)
±1% max.
Load Regulation
(10 ~ 100%)
±3% max.
Minimum Load*
10%
Ripple & Noise
(20MHz Limited)
100mV max.
Transient Response
100% ~ 50% Load
±100mV
(20MHz Limited)
100% ~ 10% Load
±200mV
Operating Frequency
650KHz typ.
ON/OFF Enable Pin
ON: Open or >1.75V
(max. Input Voltage = 5V)
OFF: GND or <0.7V
Standby Current
when enable pin = OFF
3.5μA typ. / 6.5μA max.
Current Limit
950mA typ.
Short Circuit Protection
Auto Recovery
Operating Temperature
-40°C ~ 85°C
Storage Temperature
-55°C ~ 125°C
Humidity
95% RH
DImensions (L x W x H)
12.5 x 13.5 x 4.0 mm
Weight
1g
Cooling Method
Free Air Convection
MTBF (25°C)
MIL-HDBK-217F
3500 x 10³ hours
*Operation at no load will not damage these devices, but they may not meet all of the datasheet specifications.
Specifications (measured at Ta=25°C, Full Load after Warm-Up)
Derating-Graph
(Ambient Temperature)
100
Operating Temperature (°C)
50
40
30
20
10
60
70
80
90
20
40
60
80
100
(Ambient Temperature Vin=24V)
110
75 85
Refer to Application Notes
www.recom-power.com
I-37
REV: 2/2015


Similar Part No. - ROF-78E3.3-0.5SMD-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
More results

Similar Description - ROF-78E3.3-0.5SMD-R

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DG8040C TOKO-DG8040C Datasheet
82Kb / 1P
   Low Profile (H 4.0mm Max).
logo
Panasonic Semiconductor
LN251RBR PANASONIC-LN251RBR Datasheet
50Kb / 2P
   4.0mm X 2.0mm SERIES
logo
ITT Industries
CU-120220-0315 ITT-CU-120220-0315 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 4.0MM
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
   4.0mm X 2.5mm SMD Package
logo
BetLux Electronics
BL-L413 BETLUX-BL-L413 Datasheet
231Kb / 4P
   4.0mm Round Type LED lamp
logo
Everlight Electronics C...
594SUBC-C470-S400-A4 EVERLIGHT-594SUBC-C470-S400-A4 Datasheet
180Kb / 7P
   2.0*4.0MM RECTANGULAR TYPE LED LAMPS
594SYGD-S530-E2 EVERLIGHT-594SYGD-S530-E2 Datasheet
117Kb / 6P
   2.0*4.0mm Rectangular Type LED Lamps
logo
Huber+Suhner, Inc.
12-____ZN_HH-___20C HUBERSUHNER-12-____ZN_HH-___20C Datasheet
267Kb / 2P
   Optipack DJ LSFH Ø 4.0mm Cca
logo
Everlight Electronics C...
594ID EVERLIGHT-594ID Datasheet
91Kb / 4P
   2.0*4.0mm Rectangular Type LED Lamps
594SDRD EVERLIGHT-594SDRD Datasheet
97Kb / 6P
   2.0*4.0mm Rectangular Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com