Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCOB-650 Datasheet(PDF) 1 Page - Recom International Power

Part # RCOB-650
Description  Low Cost 230VAC LED Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB-650 Datasheet(HTML) 1 Page - Recom International Power

  RCOB-650 Datasheet HTML 1Page - Recom International Power RCOB-650 Datasheet HTML 2Page - Recom International Power RCOB-650 Datasheet HTML 3Page - Recom International Power RCOB-650 Datasheet HTML 4Page - Recom International Power RCOB-650 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L-1
REV.: 2/2016
www.recom-power.com
Constant
Current
Active PFC
Single Output
AC/DC Converter
Features
LED
Driver
• Low Cost 230VAC LED Power Supply
• 350mA to 1050mA Output, 25-44VDC
• Active Power Factor Correction >0.95
• Designed to drive 15W-46W COB LEDs
• Terminal Block Input/Output with Cable Clamps
• Fully Protected (OLP, SCP, OCP, OTP)
• Suitable for Class I and Class II Luminaires
RCOB
EN-61347-1 Compliant
EN-61347-2-13 Compliant
EN-55015 Compliant
EN-61547 Compliant
EN-61000-3-2 Compliant
EN-61000-3-3 Compliant
Description
These COB LED drivers are available with eleven preset output currents between 350mA and 1050mA.
They are designed to drive COB (Chip On Board) high power LEDs with a forward voltage between
25V and 44VDC from a 230VAC supply (198-264VAC). They operate with efficiencies of up to 90%,
feature active PFC and are fully protected against short circuit, output overvoltage, open-circuit and
over-temperature conditions. The LED drivers are suitable for both independent and built-in installations
and for installations inside furniture.
Selection Guide
Part
Input
Output
Output
Efficiency
Rated
Number
Voltage Range
Voltage Range
Current
typ.
Power
[VAC]
[VDC]
[mA]
[%]
[W]
RCOB-350
198-264
25-44
350
87
15
RCOB-400
198-264
25-44
400
87
17
RCOB-450
198-264
25-44
450
88
20
RCOB-500
198-264
25-44
500
88
22
RCOB-550
198-264
25-44
550
88
24
RCOB-600
198-264
25-44
600
89
26
RCOB-650
198-264
25-44
650
89
28
RCOB-700
198-264
25-44
700
89
31
RCOB-800
198-264
25-44
800
90
35
RCOB-900
198-264
25-44
900
90
40
RCOB-1050
198-264
25-44
1050
90
46
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
264VAC
Output Voltage Range
full load
25VDC
44VDC
absoulute max. Output Voltage
full load
56VDC
Inrush Current
at 230VAC
8A / 10µs
Start-up Time
at 230VAC
1 second
Input Frequency Range
47Hz
63Hz
Power Factor
full load, 230VAC
0.95
continued on next page
Specifications (measured @ ta= 25°C, 230VAC and rated load)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.


Similar Part No. - RCOB-650

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCOB-1050A RECOM-RCOB-1050A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-350A RECOM-RCOB-350A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-700A RECOM-RCOB-700A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-A RECOM-RCOB-A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
More results

Similar Description - RCOB-650

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
logo
Maxim Integrated Produc...
AN1156 MAXIM-AN1156 Datasheet
28Kb / 3P
   Low-Cost AC Supply
Jul 29, 2002
logo
STMicroelectronics
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
   Designing a low cost power supply using
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
   120 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA160-210 PHIHONG-PSA160-210 Datasheet
112Kb / 3P
   160 Watt Low Cost Open Frame Power Supply
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com