Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCOB-800 Datasheet(PDF) 5 Page - Recom International Power

Part # RCOB-800
Description  Low Cost 230VAC LED Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB-800 Datasheet(HTML) 5 Page - Recom International Power

  RCOB-800 Datasheet HTML 1Page - Recom International Power RCOB-800 Datasheet HTML 2Page - Recom International Power RCOB-800 Datasheet HTML 3Page - Recom International Power RCOB-800 Datasheet HTML 4Page - Recom International Power RCOB-800 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INSTALLATION and APPLICATION INSTRUCTION
AC/DC Converter
L-5
REV.: 2/2016
www.recom-power.com
RCOB
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
-
+
-
+
L
N
FG
220-
240V~
wire preparation
7-8mm
Wiring Diagram
Specifications (measured @ ta= 25°C, 230VAC and rated load)
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
180 x 140 x 220mm
Packaging Quantity
10pcs
Storage Temperature Range
-30° to +80°C, Ambient
Storage Humidity
30% - 95% RH
Screw Terminal Connection
Function
Type
Diameter
AC N
Screw Terminal
0.75mm² - 1.5mm²
AC L
Screw Terminal
0.75mm² - 1.5mm²
FG
Screw Terminal
0.75mm² - 1.5mm²
LED+
Screw Terminal
0.75mm² - 1.5mm²
LED-
Screw Terminal
0.75mm² - 1.5mm²
FC:
fixing center
tc:
case temperature measuring point
Tolerance: xx.x= ±0.5mm
xx.xx=±0.35mm
Three LED‘s in parallel (1,2)
Standard Connection
#1 LED
#2 LED
#3 LED
LED+
LED-
L N FG
LED+
LED-
L N FG
Notes:
Note1:
System was tested with 3 Osram Duros S10.
Note2:
LED’s has to be placed on the same heatsink.


Similar Part No. - RCOB-800

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCOB-1050A RECOM-RCOB-1050A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-350A RECOM-RCOB-350A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-700A RECOM-RCOB-700A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-A RECOM-RCOB-A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
More results

Similar Description - RCOB-800

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
logo
Maxim Integrated Produc...
AN1156 MAXIM-AN1156 Datasheet
28Kb / 3P
   Low-Cost AC Supply
Jul 29, 2002
logo
STMicroelectronics
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
   Designing a low cost power supply using
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
   120 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA160-210 PHIHONG-PSA160-210 Datasheet
112Kb / 3P
   160 Watt Low Cost Open Frame Power Supply
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com