Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THTS-1PAD20506MZ Datasheet(PDF) 4 Page - SICK AG

Part # THTS-1PAD20506MZ
Description  TEMPERATURE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

THTS-1PAD20506MZ Datasheet(HTML) 4 Page - SICK AG

  THTS-1PAD20506MZ Datasheet HTML 1Page - SICK AG THTS-1PAD20506MZ Datasheet HTML 2Page - SICK AG THTS-1PAD20506MZ Datasheet HTML 3Page - SICK AG THTS-1PAD20506MZ Datasheet HTML 4Page - SICK AG THTS-1PAD20506MZ Datasheet HTML 5Page - SICK AG THTS-1PAD20506MZ Datasheet HTML 6Page - SICK AG THTS-1PAD20506MZ Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
THTS-1PAD20506MZ | THTS
TEMPERATURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
Clamp connection
M12 x 1
(
0.75)
19
(
0.24)
6
D
(
0.24)
6
D
M12 x 1
(
0.75)
19
All dimensions in mm (inch)
Pt100, 4 mA...20 mA,
up to 250°C
Pt100, 4 mA...20 mA,
up to 150°C
Design
Ø D
DIN 32676
DN 10 ... DN 20
34.0 (1.34)
DN 25 ... DN 40
50.5 (1.99)
DN 50
64.0 (2.52)
ISO 2852
DN 12 ... DN 21.3
34.0 (1.34)
DN 25 ... DN 38
50.5 (1.99)
DN 40, DN 51
64.0 (2.52)
Tri-Clamp
1'', 1
½''
50.5 (1.99)
2''
64.0 (2.52)
4
FLUID SENSORS | SICK
Online data sheet | 2017-03-14 16:25:09
Subject to change without notice


Similar Part No. - THTS-1PAD20506MZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
THTS-1PAD40506MZ SICK-THTS-1PAD40506MZ Datasheet
810Kb / 7P
   TEMPERATURE SENSORS
THTS-1PAD50506MZ SICK-THTS-1PAD50506MZ Datasheet
810Kb / 7P
   TEMPERATURE SENSORS
More results

Similar Description - THTS-1PAD20506MZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com