Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6042957 Datasheet(PDF) 2 Page - SICK AG

Part # 6042957
Description  TEMPERATURE SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6042957 Datasheet(HTML) 2 Page - SICK AG

  6042957 Datasheet HTML 1Page - SICK AG 6042957 Datasheet HTML 2Page - SICK AG 6042957 Datasheet HTML 3Page - SICK AG 6042957 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TSP-1MAG10606MZ | TSP
TEMPERATURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
TSP-1MAG10606MZ
6042957
Other models and accessories
www.sick.com/TSP
Detailed technical data
Features
Measuring range
–30 °C +130 °C
Output signal
Pt1000, 2-wire
Performance
Accuracy of sensor element
Class B according to IEC 60751
Response time
Response time t50: ≤ 2.5 s 1)
Response time t90: ≤ 6 s 1)
1) Depending on sensor configuration, according to IEC 60751.
Mechanics/electronics
Process connection
Thread G ¼ B
Insertion length/diameter of probe
60 mm / 6 mm
Wetted parts
Stainless steel 1.4305
Housing material
Stainless steel 1.4305
Measuring current
0.1 mA ... 0.3 mA
Electrical safety
Protection class: III, dielectric strength: 500 V AC
RoHS certificate
Weight
Approx. 30 g (depending on configuration)
Ambient data
Ambient temperature
–40 °C ... +100 °C 1)
Storage and transport temperature
–40 °C ... +85 °C
Shock resistance according to IEC 60751
500 g
Vibration resistance according to
IEC 60751
3 g
1) Due to the short length, the temperature at the male connector may rise to impermissibly high values. This MUST be taken into account when configuring the mea-
suring point and selecting a suitable connecting cable.
Classifications
ECl@ss 5.0
27200208
ECl@ss 5.1.4
27200208
ECl@ss 6.0
27200208
2
FLUID SENSORS | SICK
Online data sheet | 2017-03-29 16:33:08
Subject to change without notice


Similar Part No. - 6042957

ManufacturerPart #DatasheetDescription
logo
SICK AG
6042950 SICK-6042950 Datasheet
298Kb / 4P
   TEMPERATURE SENSORS
6042951 SICK-6042951 Datasheet
298Kb / 4P
   TEMPERATURE SENSORS
6042952 SICK-6042952 Datasheet
298Kb / 4P
   TEMPERATURE SENSORS
6042953 SICK-6042953 Datasheet
298Kb / 4P
   TEMPERATURE SENSORS
6042954 SICK-6042954 Datasheet
299Kb / 4P
   TEMPERATURE SENSORS
More results

Similar Description - 6042957

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com