Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V18160 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V18160
Description  3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V18160 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V18160 Datasheet HTML 7Page - Integrated Device Technology IDT72V18160 Datasheet HTML 8Page - Integrated Device Technology IDT72V18160 Datasheet HTML 9Page - Integrated Device Technology IDT72V18160 Datasheet HTML 10Page - Integrated Device Technology IDT72V18160 Datasheet HTML 11Page - Integrated Device Technology IDT72V18160 Datasheet HTML 12Page - Integrated Device Technology IDT72V18160 Datasheet HTML 13Page - Integrated Device Technology IDT72V18160 Datasheet HTML 14Page - Integrated Device Technology IDT72V18160 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
INDUSTRIAL
TEMPERATURE RANGE
IDT72V15160/16160/17160/18160/19160
- 3.3V 16-BIT V-III MULTIMEDIA FIFO
IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
6163 drw05
TABLE 2
 STATUS FLAGS FOR IDT STANDARD MODE
FF PAF HF PAE EF
HHH
L
L
HH
H
LH
H
HHH
H
HH
L
H
H
H
L
LH
H
L
L
LH
H
0
1 to n
(1)
(n+1) to 512
513 to (1,024-(m+1))
(1,024-m) to 1,023
1,024
IDT72V14320
00
(n+1) to 1,024
(n+1) to 2,048
1,025 to (2,048-(m+1))
2,049 to (4,096-(m+1))
(2,048-m) to 2,047
(4,096m) to 4,095
2,048
4,096
FF PAF HF PAE EF
HHH
L
L
HH
H
LH
H
HHH
H
HH
L
H
H
H
L
LH
H
L
L
LH
H
0
(n+1) to 4,096
4,097 to (8,192-(m+1))
(8,192-m) to 8,191
8,192
IDT72V17320
00
(n+1) to 8,192
(n+1) to 32,768
8,193 to (16,384-(m+1))
32,769 to (65,536-(m+1))
(16,384-m) to 16,383
(65,536-m) to 65,535
16,384
65,536
IDT72V18320
IDT72V19160
Number of
Words in
FIFO
1 to n
(1)
1 to n
(1)
1 to n
(1)
1 to n
(1)
1 to n
(1)
Number of
Words in
FIFO
IDT72V15320
IDT72V16320
IDT72V15160
IDT72V16160
IDT72V17160
0
(n+1) to 16,384
16,385 to (32,768-(m+1))
(32,768-m) to 32,767
32,768
IDT72V19320
1 to n
(1)
IDT72V18160
NOTE:
1. See Table 1 for values for n, m.


Similar Part No. - IDT72V18160

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10071 IDT-IDT72V10071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10071L15 IDT-IDT72V10071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V10081L15PFI IDT-IDT72V10081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V11071 IDT-IDT72V11071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
More results

Similar Description - IDT72V18160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16234 PERICOM-PI3B16234 Datasheet
153Kb / 3P
   3.3V, Low Capacitance 16-Bit to 32-Bit
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Altera Corporation
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
   3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
logo
STMicroelectronics
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com