Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74AC640N Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC640N
Description  Octal 3-State Inverting Bus Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC640N Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC640N Datasheet HTML 1Page - Integral Corp. IN74AC640N Datasheet HTML 2Page - Integral Corp. IN74AC640N Datasheet HTML 3Page - Integral Corp. IN74AC640N Datasheet HTML 4Page - Integral Corp. IN74AC640N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC640
499
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to B or B to A
(Figure 1)
3.3
5.0
1.5
1.5
8.5
6.5
1.0
1.0
9.5
7.5
ns
tPHL
Propagation Delay, A to B or B to A
(Figure 1)
3.3
5.0
1.5
1.5
8.5
6.5
1.0
1.0
9.5
7.5
ns
tPZH
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.5
1.5
11.5
8.0
2.0
1.0
12.5
9.0
ns
tPZL
Propagation Delay, Directionor Output Enable
to A or B (Figure 2)
3.3
5.0
2.5
1.5
12.5
9.5
2.0
1.0
13.5
10.0
ns
tPHZ
Propagation Delay, Directionor Output Enable
to A or B (Figure 2)
3.3
5.0
2.0
1.5
12.0
9.0
1.0
1.0
12.5
10.0
ns
tPLZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.0
1.5
12.0
9.5
1.5
1.0
13.5
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
COUT
Maximum Tree-State I/O Capacitance
(Output in High-Impedance State0
5.0
15
15
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IN74AC640N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC640N IKSEMICON-IN74AC640N Datasheet
218Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC640N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com