Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA240.LBI.001 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA240.LBI.001
Description  RoHS Compliant
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA240.LBI.001 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA240.LBI.001 Datasheet HTML 1Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 2Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 3Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 4Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 5Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 6Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 7Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 8Page - Taoglas antenna solutions MA240.LBI.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
SPE-14-8-084/A/JW
Page 4 of 63
4G/3G MIMO1 Antenna
Frequency (MHz)
698~803 824~894 880~960 1710~1880 1850~1990 1920~2170 2490~2690 3410~3490
Efficiency (%)
In free space
30cm
72.01
45.99
34.09
73.58
68.59
33.44
63.58
38.76
1M
70.55
56.19
39.21
66.54
52.25
45.40
59.01
33.16
2M
64.18
42.21
29.69
60.55
33.71
27.32
50.17
29.20
3M
59.38
37.78
27.57
53.47
29.71
23.89
42.78
24.46
5M
51.25
31.84
23.14
41.89
22.94
18.50
32.70
17.59
On the 2mm
ABS base
30cm
65.93
36.48
26.86
60.26
38.12
30.54
56.90
32.33
1M
71.92
52.85
31.51
62.46
48.02
42.26
59.79
34.38
2M
58.76
34.28
23.40
49.55
31.05
24.95
44.87
24.37
3M
56.15
31.80
21.72
44.39
29.14
22.18
38.32
20.40
5M
46.95
25.27
18.25
34.28
21.13
16.89
29.24
14.68
On the glass
base
30cm
43.02
18.05
11.86
37.76
27.71
27.15
58.38
30.74
1M
49.79
15.28
8.64
38.20
35.24
37.66
63.96
32.37
2M
38.34
17.81
10.33
31.05
22.58
22.19
46.02
23.13
3M
36.20
16.54
9.59
27.82
20.43
18.90
39.31
18.78
5M
30.66
12.52
8.06
21.48
15.35
15.02
29.99
13.94
Average Gain(dBi)
In free space
30cm
-1.46
-3.39
-4.75
-1.44
-1.67
-4.84
-1.98
-4.45
1M
-1.52
-2.53
-4.23
-1.82
-2.84
-3.49
-2.31
-4.98
2M
-1.96
-3.76
-5.35
-2.29
-4.79
-5.72
-3.01
-5.70
3M
-2.30
-4.25
-5.68
-2.83
-5.34
-6.30
-3.70
-6.45
5M
-2.94
-4.99
-6.43
-3.89
-6.47
-7.41
-4.87
-7.90
On the 2mm
ABS base
30cm
-1.86
-4.41
-5.79
-2.24
-4.27
-5.21
-2.46
-5.34
1M
-1.44
-2.83
-5.26
-2.10
-3.21
-3.79
-2.25
-4.80
2M
-2.36
-4.67
-6.39
-3.10
-5.16
-6.09
-3.49
-6.59
3M
-2.54
-5.00
-6.72
-3.57
-5.45
-6.61
-4.18
-7.34
5M
-3.34
-6.01
-7.47
-4.70
-6.84
-7.78
-5.35
-8.79
On the glass
base
30cm
-3.76
-7.54
-9.36
-4.28
-5.59
-5.70
-2.35
-5.32
1M
-3.12
-8.39
-10.74
-4.24
-4.55
-4.27
-1.95
-4.90
2M
-4.26
-7.59
-9.96
-5.13
-6.48
-6.58
-3.38
-6.57
3M
-4.51
-7.92
-10.29
-5.61
-6.92
-7.25
-4.07
-7.53
5M
-5.24
-9.14
-11.05
-6.73
-8.16
-8.27
-5.24
-8.77


Similar Part No. - MA240.LBI.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA240.LBI.001 TAOGLAS-MA240.LBI.001 Datasheet
3Mb / 43P
   MA240 Genesis 2 x LTE
MA240.LBI.001 TAOGLAS-MA240.LBI.001_18 Datasheet
3Mb / 43P
   MA240 Genesis 2 x LTE
More results

Similar Description - MA240.LBI.001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com