Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA411.A.LBI.001 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA411.A.LBI.001
Description  Custom Cables and Connectors Available
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA411.A.LBI.001 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA411.A.LBI.001 Datasheet HTML 1Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 2Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 3Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 4Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 5Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 6Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 7Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 8Page - Taoglas antenna solutions MA411.A.LBI.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
SPE-15-8-031/C/WY
Page 4 of 70
2. Specification
BeiDou-GPS-GLONASS
Center Frequency
Beidou:1561.098±2.046MHz
GPS:1575.42±1.023MHz
GLONASS:1602±5MHz
Passive Antenna Gain
BeiDou: 1dBi @Zenith
GPS: 1dBi Typ. @Zenith
GLONASS: 4dBi Typ. @Zenith
Passive Antenna efficiency
BeiDou: 55%
GPS: 55%
GLONASS: 58%
VSWR
2:1 Max
Impedance
50Ω
Axial Ratio
BeiDou:<5.5
GPS:<3.2
GLONASS:<10.6
Polarization
RHCP
Cable
0.3 meter RG174 standard, fully customizable
Connector
Fakra (Jack) standard connector, fully customizable
LNA and Filter Electrical Properties
Center Frequency
BeiDou: 1561.098±2.046MHz
GPS:1575.42±1.023MHz
GLONASS:1602±5MHz
SAW Filter Rejection
1651~1700MHz & 1549~1500MHz 25dB Min
Pout 1dB gain
Compression point
-6dBm Min. -2 dBm Typ.
Output Impedance
50 Ohm
VSWR
< 2:1
Return Loss
10 dB Min.
LNA Gain ,Power
consumption and Noise
Figure@GPS
Voltage
LNA
Gain(Typ)
Power
Consumption(mA) Typ
Noise Figure(Typ)
Min 1.8V
20dB
5mA
2.7dB
Typ 3.0V
28dB
10mA
2.4dB
Max 5.5V
31dB
23mA
2.6dB
Total specification(Through Antenna, LNA)
Frequency
1561.098±2.046MHz
1575.42±1.023MHz
1602±5MHz
Gain@3V
1561MHz:29±3dBi
1575.42MHz:29±3dBi
1602MHz:32±3dBi
Output Impedance
50Ω


Similar Part No. - MA411.A.LBI.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA411.A.LBI.001 TAOGLAS-MA411.A.LBI.001 Datasheet
9Mb / 52P
   MA411 Storm 3in1 Screw Mount Antenna LTE MIMO GPS/GLONASS/GALILEO/BeiDou
MA411.A.LBI.001 TAOGLAS-MA411.A.LBI.001_17 Datasheet
9Mb / 52P
   MA411 Storm 3in1 Screw Mount Antenna LTE MIMO GPS/GLONASS/GALILEO/BeiDou
More results

Similar Description - MA411.A.LBI.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA600.W.A.ABC.001 TAOGLAS-MA600.W.A.ABC.001 Datasheet
4Mb / 22P
   Custom cables and connectors available
AA.162.301111 TAOGLAS-AA.162.301111 Datasheet
766Kb / 15P
   Custom cables and connectors available
AA.161.301111 TAOGLAS-AA.161.301111 Datasheet
1Mb / 16P
   Custom cables and connectors available
IMA.01.105111 TAOGLAS-IMA.01.105111 Datasheet
1Mb / 12P
   Custom cables and connectors available
MA700.W.A.ABC.001 TAOGLAS-MA700.W.A.ABC.001 Datasheet
1Mb / 29P
   Custom cables and connectors available
AA.160.301111 TAOGLAS-AA.160.301111 Datasheet
390Kb / 6P
   Custom cables and connectors available
MA705.A.ABC.001 TAOGLAS-MA705.A.ABC.001 Datasheet
1Mb / 22P
   Custom cables and connectors available
logo
Tyco Electronics
345M09B-22-6 MACOM-345M09B-22-6 Datasheet
292Kb / 4P
   Raychem Custom Shipboard Cables
logo
Linx Technologies
ANT-418-WRT-RPS LINX-ANT-418-WRT-RPS Datasheet
406Kb / 2P
   connectors and custom colors are available for volume OEM customers.
12/9/13
logo
Advantech Co., Ltd.
1701400973 ADVANTECH-1701400973 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com