Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA413.A.B.003 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MA413.A.B.003
Description  Aerodynamic, Super Low-profile Vandal Resistant Housing
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA413.A.B.003 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA413.A.B.003 Datasheet HTML 1Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 2Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 3Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 4Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 5Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 6Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 7Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 8Page - Taoglas antenna solutions MA413.A.B.003 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
SPE-16-8-013-C
Page 3 of 33
2. Specification
4G/3G/2G MIMO1 Antenna
Frequency (MHz)
LTE700
GSM850
GSM900
DCS
PCS
UMTS1
LTE2600
LTE3500
698~803 824~894 880~960 1710~1880 1850~1990 1920~2170 2490~2690 3300~3600
Efficiency (%)
On
50*50cm
ground
plane
30cm
62.06
41.76
49.16
44.93
59.56
59.39
55.42
37.39
1M
59.27
39.88
46.95
40.98
54.46
54.71
50.55
33.33
2M
55.31
36.93
42.81
36.86
48.53
48.56
43.53
27.99
3M
51.62
34.20
39.76
32.65
42.73
42.47
36.84
23.59
5M
44.25
28.85
33.36
25.50
32.98
32.90
28.22
16.96
In free
space
30cm
65.08
48.08
55.44
49.41
57.62
59.92
54.98
38.19
1M
62.15
45.91
52.95
45.06
52.69
55.18
50.14
34.83
2M
58.00
42.54
48.29
40.62
46.96
48.99
43.17
29.65
3M
54.13
39.46
44.80
35.92
41.31
42.84
36.53
24.66
5M
46.39
33.24
37.60
28.10
31.89
33.19
27.99
19.14
Average Gain(dBi)
On
50*50cm
ground
plane
30cm
-2.22
-3.98
-3.20
-3.55
-2.27
-2.27
-2.57
-4.36
1M
-2.42
-4.18
-3.40
-3.95
-2.66
-2.63
-2.97
-4.86
2M
-2.72
-4.51
-3.80
-4.40
-3.16
-3.14
-3.62
-5.61
3M
-3.02
-4.84
-4.13
-4.94
-3.72
-3.73
-4.35
-6.36
5M
-3.70
-5.58
-4.88
-6.00
-4.84
-4.84
-5.50
-7.79
In free
space
30cm
-2.02
-3.19
-2.60
-3.11
-2.42
-2.23
-2.62
-4.25
1M
-2.22
-3.39
-2.80
-3.51
-2.81
-2.59
-3.02
-4.65
2M
-2.52
-3.72
-3.20
-3.97
-3.31
-3.10
-3.67
-5.35
3M
-2.82
-4.05
-3.52
-4.50
-3.86
-3.69
-4.39
-6.15
5M
-3.50
-4.79
-4.28
-5.57
-4.98
-4.80
-5.55
-7.25
Peak Gain(dBi)
On
50*50cm
ground
plane
30cm
5.37
3.66
4.35
6.24
7.04
7.11
7.91
6.46
1M
5.17
3.46
4.15
5.84
6.64
6.81
7.51
5.96
2M
4.87
3.06
3.75
5.34
6.14
6.31
6.91
5.16
3M
4.57
2.76
3.45
4.84
5.64
5.71
6.21
4.46
5M
3.87
2.06
2.65
3.74
4.44
4.61
5.11
4.82
In free
space
30cm
3.54
4.07
4.13
4.67
6.57
6.69
8.11
6.27
1M
3.34
3.87
3.93
4.27
6.17
6.35
7.71
5.87
2M
3.04
3.47
3.53
3.77
5.67
5.79
7.11
5.17
3M
2.74
3.17
3.23
3.27
5.07
5.19
6.41
4.37
5M
2.04
2.37
2.43
2.17
3.97
4.09
5.31
3.27


Similar Part No. - MA413.A.B.003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA413.A.B.003 ETC2-MA413.A.B.003 Datasheet
3Mb / 33P
   MA413 Storm LTE Screw Mount Antenna
logo
Taoglas antenna solutio...
MA413.A.B.003 TAOGLAS-MA413.A.B.003 Datasheet
2Mb / 34P
   MA413 Storm LTE Screw Mount Antenna
MA413.A.B.003 TAOGLAS-MA413.A.B.003_19 Datasheet
2Mb / 34P
   MA413 Storm LTE Screw Mount Antenna
More results

Similar Description - MA413.A.B.003

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA460.K.LBIC.002 TAOGLAS-MA460.K.LBIC.002 Datasheet
4Mb / 42P
   Aerodynamic, Super Low-profile Vandal Resistant Housing
logo
Elektron Components Ltd...
MP0037 BULGIN-MP0037 Datasheet
92Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
MPB038 BULGIN-MPB038 Datasheet
102Kb / 1P
   Low Profile Brass Chrome Plated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
   VANDAL RESISTANT
logo
Elektron Components Ltd...
MPL031 BULGIN-MPL031 Datasheet
76Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RI.02.01.3000W TAOGLAS-RI.02.01.3000W Datasheet
678Kb / 12P
   UV and Vandal resistant PP housing
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001 Datasheet
1Mb / 30P
   UV and vandal resistant PC housing
logo
Elektron Components Ltd...
MP0027 BULGIN-MP0027 Datasheet
98Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
MPL027 BULGIN-MPL027 Datasheet
99Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com