Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA950.A.LBICG.005 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA950.A.LBICG.005
Description  Worldwide 4G Bands including 3G and 2G
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA950.A.LBICG.005 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA950.A.LBICG.005 Datasheet HTML 1Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 2Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 3Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 4Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 5Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 6Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 7Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 8Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 185 page
background image
DSP-16-8-068/A
Page 4 of 185
2G/3G/4G LTE Antenna
Frequency (MHz)
LTE700
GSM850
GSM900
DCS
PCS
UMTS1
LTE2600
LTE3500
698~803 824~894
880~960 1710~1880 1850~1990 1920~2170 2490~2690 3300~3600
Efficiency (%)
MIMO_1
Free space
50.82
55.85
41.29
66.47
70.19
71.51
49.20
50.92
ABS
68.31
69.61
61.27
66.31
70.86
70.00
50.61
51.88
Glass
67.99
67.37
62.94
66.89
71.80
69.58
51.00
52.83
Metal
42.12
51.55
58.33
39.49
47.20
47.71
44.36
44.85
Wall
67.97
70.42
66.80
63.91
64.94
63.35
50.37
51.49
MIMO_2
Free space
54.13
58.97
48.65
61.54
68.31
68.39
54.62
52.55
ABS
71.74
66.05
58.58
63.18
69.29
69.23
53.95
54.95
Glass
64.53
55.70
45.22
64.94
67.87
65.86
50.05
51.77
Metal
55.62
63.13
56.59
32.14
40.89
43.97
54.22
52.90
Wall
61.91
48.38
52.88
58.00
56.47
56.36
54.68
48.72
Average Gain (dBi)
MIMO_1
Free space
-2.96
-2.62
-3.85
-1.78
-1.54
-1.46
-3.12
-2.96
ABS
-1.68
-1.59
-2.13
-1.79
-1.50
-1.55
-3.00
-2.87
Glass
-1.73
-1.73
-2.02
-1.75
-1.44
-1.58
-2.96
-2.79
Metal
-3.94
-2.88
-2.37
-4.07
-3.27
-3.23
-3.57
-3.51
Wall
-1.70
-1.53
-1.76
-1.95
-1.88
-1.99
-3.00
-2.89
MIMO_2
Free space
-2.72
-2.32
-3.17
-2.11
-1.66
-1.66
-2.65
-2.83
ABS
-1.47
-1.81
-2.33
-2.00
-1.59
-1.60
-2.71
-2.63
Glass
-1.93
-2.56
-3.46
-1.88
-1.68
-1.82
-3.04
-2.87
Metal
-2.61
-2.00
-2.50
-4.95
-3.90
-3.59
-2.67
-2.77
Wall
-2.09
-3.15
-2.79
-2.37
-2.48
-2.50
-2.63
-3.15
Peak Gain (dBi)
MIMO_1
Free space
3.18
3.60
2.14
3.98
4.37
4.37
3.70
4.49
ABS
4.65
4.00
3.45
5.24
6.05
6.05
4.69
3.18
Glass
3.71
3.92
4.35
5.28
6.16
7.67
5.34
3.87
Metal
5.09
3.10
4.73
4.50
4.96
5.69
6.02
4.96
Wall
4.74
4.97
3.67
5.44
4.84
4.84
5.08
3.75
MIMO_2
Free space
5.83
3.66
2.57
3.78
4.01
4.01
3.87
3.97
ABS
4.33
4.52
4.41
4.34
4.73
5.69
5.64
5.42
Glass
3.02
3.14
1.36
4.99
5.89
6.02
6.18
4.42
Metal
3.54
3.11
3.33
3.12
4.36
5.02
7.16
4.95
Wall
3.21
1.77
2.15
5.49
5.49
7.20
6.10
4.74
Impedance
50Ω
Polarization
Linear
VSWR
< 3
Cable
1 meter KSR200-P standard, fully customizable
Connector
SMA(M) standard, fully customizable


Similar Part No. - MA950.A.LBICG.005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
More results

Similar Description - MA950.A.LBICG.005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com