Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA950.A.LBICG.005 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MA950.A.LBICG.005
Description  Worldwide 4G Bands including 3G and 2G
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA950.A.LBICG.005 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MA950.A.LBICG.005 Datasheet HTML 1Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 2Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 3Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 4Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 5Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 6Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 7Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 8Page - Taoglas antenna solutions MA950.A.LBICG.005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 185 page
background image
DSP-16-8-068/A
Page 1 of 185
DRAFT SPECIFICATION
PATENT PENDING
Part No.
:
MA950.A.LBICG.005
Product Name
:
MA950 Guardian 5in1 Adhesive Mount Antenna
LTE*2+Wi-Fi*2+GNSS
Features
:
Low-profile Housing – Mounts flush to Wall
2* LTE MIMO 698-960MHz/1710-2170MHz/ 2490-
2690MHz/ 3300-3600MHz
2* Wi-Fi MIMO 2.4GHz/5.8GHz
1* GPS-GLONASS-BeiDou Antenna
Worldwide 4G Bands including 3G and 2G
IP67 Waterproof Resistant Enclosure
Dims: 146*134*20mm
1M Low Loss KSR200-P and RG174 with SMA(M)/RP-
SMA(M) connectors
Cables and Connectors Customizable
RoHS Compliant


Similar Part No. - MA950.A.LBICG.005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
   Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005_17 Datasheet
11Mb / 137P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
More results

Similar Description - MA950.A.LBICG.005

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com