Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAQ7988 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAQ7988
Description  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7988 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAQ7988 Datasheet HTML 6Page - Analog Devices ADAQ7988 Datasheet HTML 7Page - Analog Devices ADAQ7988 Datasheet HTML 8Page - Analog Devices ADAQ7988 Datasheet HTML 9Page - Analog Devices ADAQ7988 Datasheet HTML 10Page - Analog Devices ADAQ7988 Datasheet HTML 11Page - Analog Devices ADAQ7988 Datasheet HTML 12Page - Analog Devices ADAQ7988 Datasheet HTML 13Page - Analog Devices ADAQ7988 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ADAQ7980/ADAQ7988
Data Sheet
Rev. 0 | Page 10 of 49
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADAQ7980 Power Dissipation
1MSPS
V+/V−/VDD
13.75
36
mW
1 kSPS, ADC driver dynamic power scaling enabled3
2.9
9
mW
VIO
1.0
1.9
mW
Total
14.75
37.94
mW
ADAQ7988 Current Draw
VIO
0.15
0.17
mA
V+/V−
1.15
1.85
mA
VDD
0.73
0.8
mA
ADAQ7988 Power Dissipation
500 kSPS
V+/V−/VDD
9.4
26.5
mW
1 kSPS, ADC driver dynamic power scaling enabled3
2.9
9
mW
VIO
0.5
0.95
mW
Total
9.9
27.54
mW
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−55
+125
°C
1
With all digital inputs forced to VIO or GND as required.
2
During the acquisition phase.
3
Dynamic power scaling duty cycle is 10%.
4
Calculated with the maximum supply differential and not the typical supply values.


Similar Part No. - ADAQ7988

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ7988 AD-ADAQ7988 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ7988 AD-ADAQ7988 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results

Similar Description - ADAQ7988

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
Analog Devices
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
   Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
USB-2600 ETC-USB-2600 Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
logo
Analog Devices
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
   18-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com