Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4951A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4951A
Description  24bit Stereo CODEC with MIC/HP/SPK-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4951A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4951A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4951A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
[AK4951A]
016001936-E-00
2016/03
- 2 -
2.
Playback Functions
 Digital ALC (Automatic Level Control)
- Setting Range: +36dB ~
52.5dB, 0.375dB Step & Mute
 Sidetone Mixer & Volume Control (0dB ~ 18dB, 6dB Step)
 Digital Volume Control
- +12dB ~
89.5dB, 0.5dB Step & Mute
 Capacitor-less Stereo Headphone Amplifier
- HP-Amplifier Performance: S/(N+D): 75dB@20mW, S/N: 97dB
- Output Power: 20mW@16
- Pop Noise Free at Power-ON/OFF
 Mono Speaker Amplifier (with Stereo Line Output Switch)
- Speaker Amplifier Porformance: S/(N+D): 75dB@250mW, S/N: 99dB
- BTL Output
- Output Power: 400mW@8
 (SVDD=3.3V), 1W@8 (SVDD=5V)
 Analog Mixing: BEEP Input
3.
Power Management
4.
Master Clock:
(1) PLL Mode
Frequencies: 11.2896MHz, 12MHz, 12.288MHz, 13.5MHz, 16MH, 24MHz, 27MHz
(MCKI pin), 32fs or 64fs (BICK pin)
(2) External Clock Mode
Frequencies: 256fs, 384fs, 512fs or 1024fs (MCKI pin)
5.
Sampling Frequencies
 PLL Master Mode:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
 PLL Slave Mode (BICK pin): 8kHz ~ 48kHz
 EXT Master/Slave Mode:
8kHz ~ 48kHz (256fs, 384fs, 512fs), 8kHz
 24kHz (1024fs)
6.
Master/Slave Mode
7.
Audio Interface Format: MSB First, 2’s complement
 ADC: 16/24bit MSB justified, 16/24bit I2S
 DAC: 16/24bit MSB justified, 16bit LSB justified, 24bit LSB justified, 16/24bit I2S
8.
P I/F: I2C Bus (Ver 1.0, 400kHz Fast-Mode)
9.
Ambient Operating Temperature: Ta =
40  85C
10. Power Supply
 Analog Power Supply (AVDD): 2.8 ~ 3.5V
 Speaker Power Supply (SVDD): 1.8 ~ 5.5V
 Digital & Headphone Power Supply (DVDD): 1.6 ~ 1.98V
 Digital I/O Power Supply (TVDD): 1.6 or (DVDD – 0.2) ~ 3.5V
11. Package: 32-pin QFN (4 x 4 mm, 0.4mm pitch)


Similar Part No. - AK4951A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4951A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com