Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5397 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5397
Description  32-Bit Stereo Premium ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5397 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5397 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5397 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
[AK5397]
014011535-E-00
2014/11
- 4 -
5.
Pin Configurations and Functions
Pin Configurations
VREFLR
34
VREFHR
35
AVSS
36
AVDD
37
TOUT
38
VCOM
39
TEST3
40
AVDD
41
AVSS
42
VREFHL
43
VREFLL
44
22
21
20
19
18
17
16
15
14
13
12
MSN
DIF
SDFIL
SDM2
SDM1
OVF
SDTO2
SDTO1
LRCK
BICK
MCLK
AK5397EQ
Top View
Figure 2. Pin Configurations


Similar Part No. - AK5397

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
More results

Similar Description - AK5397

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5522 AKM-AK5522 Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com