Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16105 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41C16105
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16105 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41C16105 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16105 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
03/03/00
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2000, Integrated Silicon Solution, Inc.
IS41C16105
IS41LV16105
ISSI®
FEATURES
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval:
— 1,024 cycles/16 ms
• Refresh Mode:
RAS-Only, CAS-before-RAS (CBR), and Hidden
• JEDEC standard pinout
• Single power supply:
— 5V ± 10% (IS41C16105)
— 3.3V ± 10% (IS41LV16105)
• Byte Write and Byte Read operation via two
CAS
• Extended Temperature Range -30oC to 85oC
• Industrail Temperature Range -40oC to 85oC
DESCRIPTION
The
ISSI IS41C16105 and IS41LV16105 are 1,048,576 x
16-bit high-performance CMOS Dynamic Random Access Memo-
ries. FastPageModeallows1,024randomaccesseswithinasingle
row with access cycle time as short as 20 ns per 16-bit word. The
Byte Write control, of upper and lower byte, makes the IS41C16105
ideal for use in 16-, 32-bit wide data bus systems.
These features make the IS41C16105 and IS41LV16105 ideally
suited for high-bandwidth graphics, digital signal processing, high-
performance computing systems, and peripheral applications.
The IS41C16105 and IS41LV16105 are packaged in a
42-pin 400-mil SOJ and 400-mil 44- (50-) pin TSOP (Type II).
1M x 16 (16-MBIT) DYNAMIC RAM
WITH FAST PAGE MODE
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
Max.
RAS Access Time (tRAC)50
60
ns
Max.
CAS Access Time (tCAC)13
15
ns
Max. Column Address Access Time (tAA)25
30
ns
Min. Fast Page Mode Cycle Time (tPC)20
25
ns
Min. Read/Write Cycle Time (tRC)
84
104
ns
PIN CONFIGURATIONS
44(50)-Pin TSOP (Type II)
42-Pin SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-15
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND
FEBRUARY 2000


Similar Part No. - IS41C16105

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16105-50K ICSI-IS41C16105-50K Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16105-50KI ICSI-IS41C16105-50KI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16105-50T ICSI-IS41C16105-50T Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16105-50TI ICSI-IS41C16105-50TI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41C16105

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com