Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0761659337 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0761659337
Description  Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0761659337 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0761659337_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0761659337_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Packaging Specification
PK-70873-758
Product Specification
PS-76060-999-001, TS-76170-0001-001
Sales Drawing
SD-76165-003
This document was generated on 03/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0761659337_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761659337 MOLEX11-0761659337 Datasheet
39Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
More results

Similar Description - 0761659337_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761657327 MOLEX1-0761657327_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guided, Right Endwall
0761657337 MOLEX11-0761657337 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guided, Right Endwall
0761659327 MOLEX11-0761659327 Datasheet
39Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
0761659615 MOLEX11-0761659615 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
0761659675 MOLEX11-0761659675 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
0761659165 MOLEX1-0761659165_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
0761659615 MOLEX1-0761659615_17 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
0761653115 MOLEX11-0761653115 Datasheet
36Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guided, Right Endwall
0761657327 MOLEX11-0761657327 Datasheet
42Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guided, Right Endwall
0761653115 MOLEX1-0761653115_17 Datasheet
36Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guided, Right Endwall
0761659665 MOLEX11-0761659665 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guided, Left Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com